Electronic Components Datasheet Search
  English  ▼

X  

L4995K Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4995K
Description  5V, 500mA low drop voltage regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995K Datasheet(HTML) 1 Page - STMicroelectronics

  L4995K Datasheet HTML 1Page - STMicroelectronics L4995K Datasheet HTML 2Page - STMicroelectronics L4995K Datasheet HTML 3Page - STMicroelectronics L4995K Datasheet HTML 4Page - STMicroelectronics L4995K Datasheet HTML 5Page - STMicroelectronics L4995K Datasheet HTML 6Page - STMicroelectronics L4995K Datasheet HTML 7Page - STMicroelectronics L4995K Datasheet HTML 8Page - STMicroelectronics L4995K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is information on a product in full production.
October 2012
Doc ID 13103 Rev 13
1/35
1
L4995
5V, 500mA low drop voltage regulator
Datasheet
− production data
Features
■ Operating DC supply voltage range 5.6V to
31V
■ Low dropout voltage
■ Low quiescent current consumption
■ Reset circuit sensing of output voltage down to
1V
■ Programmable reset pulse delay with external
capacitor
■ Programmable watchdog
(a) timer with external
capacitor
■ Thermal shutdown and short circuit protection
■ Wide temperature range (Tj = -40°C to 150°C)
■ Enable
(a) input for enabling/disabling the
voltage regulator
Description
L4995 is a family of monolithic integrated 5 V
voltage regulators with a low drop voltage at
currents of up to 500 mA, available in both 12 and
24 pin packages.
The output voltage regulating element consists of
a p-channel MOS and regulation is performed
regardless of input voltage transients of up to 40V.
The high precision of the output voltage is
obtained using a pre-trimmed reference voltage.
The L4995 family is protected against short circuit
and overtemperature protection switches off the
devices in the case of extremely high power
dissipation. The L4995 integrates the watchdog,
enable and externally programmable reset
circuits. The L4995A features the externally
programmable reset and enable. Finally the
L4995R features the externally programmable
reset.
The combination of such features makes this
device particularly flexible and suitable to supply
microprocessor systems in automotive
applications.
Max DC supply voltage
VS
40V
Max output voltage tolerance
ΔV0
+/-2%
Max dropout voltage
Vdp
500mV
Output current
I0
500mA
Quiescent current
Iqn
3µA(1)
1.
Typical value with regulator disabled
a.
Watchdog and Enable facilities are available
according to Device summary table.
PowerSSO-12
PowerSSO-24
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PowerSSO-12 (exposed pad)
L4995J - L4995AJ - L4995RJ
L4995JTR - L4995AJTR - L4995RJTR
PowerSSO-24 (exposed pad)
L4995K - L4995AK - L4995RK
L4995KTR - L4995AKTR - L4995RKTR
P/N
Watchdog
Reset
Enable
L4995J - L4995K
X
X
X
L4995AJ - L4995AK
-
X
X
L4995RJ - L4995RK
-
X
-
www.st.com


Similar Part No. - L4995K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4995K STMICROELECTRONICS-L4995K Datasheet
1Mb / 22P
for car body applications
Oct-2013
L4995K STMICROELECTRONICS-L4995K Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
20-Sep-2013
L4995K STMICROELECTRONICS-L4995K Datasheet
1Mb / 36P
Automotive 5V, 500mA low drop voltage regulator
17-Sep-2018
L4995KTR STMICROELECTRONICS-L4995KTR Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
20-Sep-2013
L4995KTR STMICROELECTRONICS-L4995KTR Datasheet
1Mb / 36P
Automotive 5V, 500mA low drop voltage regulator
17-Sep-2018
More results

Similar Description - L4995K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
500mA Low Drop Out Voltage Regulator with Shutdown
logo
STMicroelectronics
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
Nov-1988
logo
Infineon Technologies A...
TLE7276 INFINEON-TLE7276_10 Datasheet
1Mb / 20P
Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.11, 2010-11-22
logo
IK Semicon Co., Ltd
ILE4266-2 IKSEMICON-ILE4266-2_11 Datasheet
115Kb / 5P
5V/10 V Low-Drop Voltage Regulator
logo
STMicroelectronics
L4995AJTR STMICROELECTRONICS-L4995AJTR Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
20-Sep-2013
L4995RKTR STMICROELECTRONICS-L4995RKTR Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
20-Sep-2013
L4995AKTR STMICROELECTRONICS-L4995AKTR Datasheet
1Mb / 35P
5V, 500mA low drop voltage regulator
20-Sep-2013
logo
Infineon Technologies A...
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com