Electronic Components Datasheet Search
  English  ▼

X  

L4995K Datasheet(PDF) 25 Page - STMicroelectronics

Part # L4995K
Description  5V, 500mA low drop voltage regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995K Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L4995K Datasheet HTML 21Page - STMicroelectronics L4995K Datasheet HTML 22Page - STMicroelectronics L4995K Datasheet HTML 23Page - STMicroelectronics L4995K Datasheet HTML 24Page - STMicroelectronics L4995K Datasheet HTML 25Page - STMicroelectronics L4995K Datasheet HTML 26Page - STMicroelectronics L4995K Datasheet HTML 27Page - STMicroelectronics L4995K Datasheet HTML 28Page - STMicroelectronics L4995K Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
L4995
Package and PCB thermal data
Doc ID 13103 Rev 13
25/35
Table 10.
PowerSSO-24 thermal parameter
Area/island (cm2)Footprint
2
8
R1 (°C/W)
0.45
R2 (°C/W)
1.79
R3 (°C/W)
6
R4 (°C/W)
7.7
R5 (°C/W)
9
9
8
R6 (°C/W)
28
17
10
C1 (W.s/°C)
0.001
C2 (W.s/°C)
0.0022
C3 (W.s/°C)
0.025
C4 (W.s/°C)
0.75
C5 (W.s/°C)
1
4
9
C6 (W.s/°C)
2.2
5
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com