Electronic Components Datasheet Search
  English  ▼

X  

L4995K Datasheet(PDF) 18 Page - STMicroelectronics

Part # L4995K
Description  5V, 500mA low drop voltage regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995K Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L4995K Datasheet HTML 14Page - STMicroelectronics L4995K Datasheet HTML 15Page - STMicroelectronics L4995K Datasheet HTML 16Page - STMicroelectronics L4995K Datasheet HTML 17Page - STMicroelectronics L4995K Datasheet HTML 18Page - STMicroelectronics L4995K Datasheet HTML 19Page - STMicroelectronics L4995K Datasheet HTML 20Page - STMicroelectronics L4995K Datasheet HTML 21Page - STMicroelectronics L4995K Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Application information
L4995
18/35
Doc ID 13103 Rev 13
3.1
Voltage regulator
Voltage regulator uses a p-channel transistor as a regulating element. With this structure,
very low dropout voltage at current up to 500mA is obtained. The output voltage is regulated
up to transient input supply voltage of 40V. No functional interruption due to over-voltage
pulses is generated. A short circuit protection to GND is provided.
The voltage regulator is active when En is high.
Figure 28.
Behavior of output current versus regulated voltage Vo
3.2
Reset
The reset circuit supervises the output voltage Vo. The Vo_th reset threshold is defined with
the in-ternal reference voltage and a resistor output divider. If the output voltage becomes
lower than Vo_th then Res goes low with a reaction time trr. The reset low signal is
guaranteed for an output voltage Vo greater than 1V.
When the output voltage becomes higher than Vo_th then Res goes high with a delay trd.
This delay is obtained by an internal oscillator.
The oscillator period is given by:
Equation 1
Tosc = [(VRhth-VRlth) x Ctr] / Icr + [(VRhth-VRlth) x Ctr] / Idr
where:
Icr:is an internally generated charge current
Idr:is an internally generated discharge current
VRhth, VRlth:are two voltages defined with the output voltage and a resistor output
divider
Ctr:is an external capacitance.
trd is given by:
Equation 2
trd = (VRhth x Ctr)/Icr + 3 x Tosc
Vo
Vo_ref
Iout
Ishort Ilim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com