Electronic Components Datasheet Search
  English  ▼

X  

L4995K Datasheet(PDF) 10 Page - STMicroelectronics

Part # L4995K
Description  5V, 500mA low drop voltage regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995K Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L4995K Datasheet HTML 6Page - STMicroelectronics L4995K Datasheet HTML 7Page - STMicroelectronics L4995K Datasheet HTML 8Page - STMicroelectronics L4995K Datasheet HTML 9Page - STMicroelectronics L4995K Datasheet HTML 10Page - STMicroelectronics L4995K Datasheet HTML 11Page - STMicroelectronics L4995K Datasheet HTML 12Page - STMicroelectronics L4995K Datasheet HTML 13Page - STMicroelectronics L4995K Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Electrical specifications
L4995
10/35
Doc ID 13103 Rev 13
VS, Vo
Iqn_150
Current consumption
with regulator enabled
VS = 13.5V,
Io = 150mA,
740
1000
µA
VS, Vo
Iqn_250
Current consumption
with regulator enabled
VS= 13.5V,
Io= 250mA,
11.4
mA
VS, Vo
Iqn_500
Current consumption
with regulator enabled
VS= 13.5V,
Io= 500mA,
2.1
2.7
mA
Tw
Thermal protection
temperature
150
190
°C
Tw_hy
Thermal protection
temperature hysteresis
10
°C
1.
See Figure 28.
2.
Measured output current when the output voltage has dropped 100mV from its nominal value obtained at
Vs=13.5V and Io= 250mA.
3.
Vs-Vo measured when the output voltage has dropped 100mV from its nominal value obtained at Vs=13.5V
and Io= 250mA.
4.
Guaranteed by design.
Table 6.
Reset
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Res
Vres_l
Reset output low voltage
Rext = 5kΩ to Vo,
Vo > 1V
0.4
V
Res
IRes_lkg
Reset output high leakage
current
VRes = 5V
1
µA
Res
RRes
Pull up internal resistance
(versus Vo)
10
20
40
k
Ω
Res
Vo_th
Vo out of regulation
threshold
VS = 5.6 to 31V
Io = 1 to 500mA
6%
8%
10%
below
Vo_ref
Vcr
VRlth
Reset delay circuit low
threshold
VS = 13.5V
10%
13%
16%
Vo_ref
Vcr
VRhth
Reset delay circuit high
threshold
VS =13.5V
44%
47%
50%
Vo_ref
Vcr
Icr
Charge current
VS = 13.5V
8
15
30
µA
Vcr
Idr
Discharge current
VS = 13.5V
8
15
30
µA
Res
Trr
Reset reaction time(1)
1.
When Vo becomes lower than 4V, the reset reaction time decreases down to 2µs assuring a faster reset
condition in this particular case.
Vo = Vo_th -100mV
100
250
700
µs
Res
Trd
Reset delay time
VS = 13.5V,
Ctr = 47nF
12
33
73
ms
Table 5.
General (continued)
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com