Electronic Components Datasheet Search
  English  ▼

X  

IR3531A Datasheet(PDF) 21 Page - International Rectifier

Part # IR3531A
Description  41 Phase Dual Output Control IC Pre-bias compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531A Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3531A Datasheet HTML 17Page - International Rectifier IR3531A Datasheet HTML 18Page - International Rectifier IR3531A Datasheet HTML 19Page - International Rectifier IR3531A Datasheet HTML 20Page - International Rectifier IR3531A Datasheet HTML 21Page - International Rectifier IR3531A Datasheet HTML 22Page - International Rectifier IR3531A Datasheet HTML 23Page - International Rectifier IR3531A Datasheet HTML 24Page - International Rectifier IR3531A Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531A
March 22, 2012 | FINAL | V1.11
21
TABLE 4: VID VALUES
VID7:VID0
(Hex)
VID7:VID0
(Bin)
Voltage
VID7:VID0
(Hex)
VID7:VID0
(Bin)
Voltage
VID7:VID0
(Hex)
VID7:VID0
(Bin)
Voltage
00
00000000
0
26
00100110
0.435
4C
01001100
0.625
01
00000001
0.250
27
00100111
0.440
4D
01001101
0.630
02
00000010
0.255
28
00101000
0.445
4E
01001110
0.635
03
00000011
0.260
29
00101001
0.450
4F
01001111
0.640
04
00000100
0.265
2A
00101010
0.455
50
01010000
0.645
05
00000101
0.270
2B
00101011
0.460
51
01010001
0.650
06
00000110
0.275
2C
00101100
0.465
52
01010010
0.655
07
00000111
0.280
2D
00101101
0.470
53
01010011
0.660
08
00001000
0.285
2E
00101110
0.475
54
01010100
0.665
09
00001001
0.290
2F
00101111
0.480
55
01010101
0.670
0A
00001010
0.295
30
00110000
0.485
56
01010110
0.675
0B
00001011
0.300
31
00110001
0.490
57
01010111
0.680
0C
00001100
0.305
32
00110010
0.495
58
01011000
0.685
0D
00001101
0.310
33
00110011
0.500
59
01011001
0.690
0E
00001110
0.315
34
00110100
0.505
5A
01011010
0.695
0F
00001111
0.320
35
00110101
0.510
5B
01011011
0.700
10
00010000
0.325
36
00110110
0.515
5C
01011100
0.705
11
00010001
0.330
37
00110111
0.520
5D
01011101
0.710
12
00010010
0.335
38
00111000
0.525
5E
01011110
0.715
13
00010011
0.340
39
00111001
0.530
5F
01011111
0.720
14
00010100
0.345
3A
00111010
0.535
60
01100000
0.725
15
00010101
0.350
3B
00111011
0.540
61
01100001
0.730
16
00010110
0.355
3C
00111100
0.545
62
01100010
0.735
17
00010111
0.360
3D
00111101
0.550
63
01100011
0.740
18
00011000
0.365
3E
00111110
0.555
64
01100100
0.745
19
00011001
0.370
3F
00111111
0.560
65
01100101
0.750
1A
00011010
0.375
40
01000000
0.565
66
01100110
0.755
1B
00011011
0.380
41
01000001
0.570
67
01100111
0.760
1C
00011100
0.385
42
01000010
0.575
68
01101000
0.765
1D
00011101
0.390
43
01000011
0.580
69
01101001
0.770
1E
00011110
0.395
44
01000100
0.585
6A
01101010
0.775
1F
00011111
0.400
45
01000101
0.590
6B
01101011
0.780
20
00100000
0.405
46
01000110
0.595
6C
01101100
0.785



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com