Electronic Components Datasheet Search
  English  ▼

X  

IR3531A Datasheet(PDF) 13 Page - International Rectifier

Part # IR3531A
Description  41 Phase Dual Output Control IC Pre-bias compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531A Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3531A Datasheet HTML 9Page - International Rectifier IR3531A Datasheet HTML 10Page - International Rectifier IR3531A Datasheet HTML 11Page - International Rectifier IR3531A Datasheet HTML 12Page - International Rectifier IR3531A Datasheet HTML 13Page - International Rectifier IR3531A Datasheet HTML 14Page - International Rectifier IR3531A Datasheet HTML 15Page - International Rectifier IR3531A Datasheet HTML 16Page - International Rectifier IR3531A Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531A
March 22, 2012 | FINAL | V1.11
13
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
VOSEN- Open Sense Line
Comparator Threshold
OPENCOMP-
0.36
0.40
0.44
V
Sense Line Detection
Source Currents
OPENSRC
V(VO) = 100mV
200
500
700
µA
VCC Buck Regulator
VCC Output Voltage
VCC100
100–400 mA load current
6.5
6.8
7.1
V
Switch Node Rise Time
SWRISE
Note 1
-
5
-
ns
Switch Node Fall Time
SWFALL
Note 1
-
15
-
ns
A/D Program Inputs
ADDR Pin Bias Current
ADDRBIAS
-2
0
2
µA
ICCP Pin Bias Current
ICCPBIAS
-2
0
2
µA
TSENS Pin Bias Current
TSENBIAS
-2
0
2
µA
A/D Comparator Offset
ADOFFSET
-5
0
5
mV
V12V Undervoltage
VCC V12V Start
VCCSTART
8.8
9.6
10.2
V
VCC V12V Stop
VCCSTOP
7.8
8.6
9.2
V
VCC V12V Hysteresis
VCCHYST
0.8
1
1.3
V
SerialVID
ALERT#, VDIO Buffer On
Resistance
ALERTRES
-
-
14.3
Ω
ALERT#, VDIO Leakage Current
ALERTLEAK
-10
0
10
µA
VCLK Bias Current
VCLKBIAS
-1
0
1
µA
VDIO Bias Current
VDIOBIAS
-1
0
1
µA
Transmit Data Prop Delay
XMITDELAY
VCLK rising to VDIO change
4
6
12
ns
Comparator Threshold
SVIDTHRSH
VCLK, VDIO rising
500
590
650
mV
VCLK, VDIO falling
450
515
650
Comparator Hysteresis
SVIDHYST
50
75
-
mV
Link States Reset Timer
SVIDTIME
200
-
600
ns
PWMx Outputs
Source Resistance
PWMSRCR
50
144
500
Ω
Sink Resistance
PWMSNKR
75
117
290
Ω
Tri-state Source Impedance
PWMTRIZ
2.0
5.4
7.5
KΩ
Tri-state Bias Current
PWMTRIBIAS
V(PWMx) = 1.65V
-5
0
5
µA
Tri-state Active Pull-up
PWMTRIPUP
V(PWMx) while sourcing
100
µA to GND
0.5
1
1.2
V
Disable Comparator Threshold
PWMDISTHR
0.4
0.6
0.9
V
PWM High Voltage
PWMHIGH
I(PWM) = -1mA,
measure VCC-PWM
-
-
1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com