Electronic Components Datasheet Search
  English  ▼

X  

IR3531A Datasheet(PDF) 36 Page - International Rectifier

Part # IR3531A
Description  41 Phase Dual Output Control IC Pre-bias compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531A Datasheet(HTML) 36 Page - International Rectifier

Back Button IR3531A Datasheet HTML 31Page - International Rectifier IR3531A Datasheet HTML 32Page - International Rectifier IR3531A Datasheet HTML 33Page - International Rectifier IR3531A Datasheet HTML 34Page - International Rectifier IR3531A Datasheet HTML 35Page - International Rectifier IR3531A Datasheet HTML 36Page - International Rectifier IR3531A Datasheet HTML 37Page - International Rectifier IR3531A Datasheet HTML 38Page - International Rectifier IR3531A Datasheet HTML 39Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531A
March 22, 2012 | FINAL | V1.11
36
SOLDER RESIST
 The solder resist should be pulled away from
the metal lead lands by a minimum of 0.06mm.
The solder resist misalignment is a maximum
of 0.05mm and it is recommended that the lead
lands are all Non Solder Mask Defined (NSMD).
Therefore pulling the S/R 0.06mm will always
ensure NSMD pads.
 The minimum solder resist width is 0.13mm.
 At the inside corner of the solder resist where
the lead land groups meet, it is recommended
to provide a fillet so a solder resist width of
≥ 0.17mm remains.
 The land pad should be Solder Mask Defined (SMD),
with a minimum overlap of the solder resist onto the
copper of 0.06mm to accommodate solder resist
miss-alignment. In 0.5mm pitch cases it is allowable
to have the solder resist opening for the land pad to
be smaller than the part pad.
 Ensure that the solder resist in-between the lead
lands and the pad land is ≥ 0.15mm due to the high
aspect ratio of the solder resist strip separating the
lead lands from the pad land.
 The vias in the large center pad should be tented or
plugged from bottom board side with solder resist.
Figure 20: Solder Resist
* Contact International Rectifier to receive an electronic PCB Library file in your preferred format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com