Electronic Components Datasheet Search
  English  ▼

X  

IR3531A Datasheet(PDF) 8 Page - International Rectifier

Part # IR3531A
Description  41 Phase Dual Output Control IC Pre-bias compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3531A Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3531A Datasheet HTML 4Page - International Rectifier IR3531A Datasheet HTML 5Page - International Rectifier IR3531A Datasheet HTML 6Page - International Rectifier IR3531A Datasheet HTML 7Page - International Rectifier IR3531A Datasheet HTML 8Page - International Rectifier IR3531A Datasheet HTML 9Page - International Rectifier IR3531A Datasheet HTML 10Page - International Rectifier IR3531A Datasheet HTML 11Page - International Rectifier IR3531A Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
4+1 Phase Dual Output Control IC
IR3531A
March 22, 2012 | FINAL | V1.11
8
PIN Number
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
28
PWM2
VCC
-0.3V
1mA
5mA
29
SCLK
3.5V
-0.3V
1mA
5mA
30
ICCP
3.5V
-0.3V
1mA
1mA
31
ADDR
3.5V
-0.3V
1mA
1mA
32
ROSC
VCC
-0.3V
1mA
1mA
33
TSEN
3.5V
-0.3V
1mA
1mA
34
PWM3
VCC
-0.3V
1mA
5mA
35
PWM4
VCC
-0.3V
1mA
5mA
36
BBR1#
VCC
-0.3V
1mA
5mA
37
IIN3
VCC
-0.3V
1mA
1mA
38
IIN4
VCC
-0.3V
1mA
1mA
39
TRACK1
VCC
-0.3V
1mA
1mA
40
VOSEN1-
1.0V
-0.5V
5mA
1mA
41
VOSEN1+
VCC
-0.5V
5mA
1mA
42
VO1
VCC
-0.5V
35mA
5mA
43
FB1
VCC
-0.3V
1mA
1mA
44
EA1
VCC
-0.3V
35mA
5mA
45
VDRP1
VCC
-0.3V
35mA
1mA
46
VDAC1
3.5V
-0.3V
1mA
35mA
47
IIN_R1
VCC
-0.3V
1mA
1mA
48
PWM_R1
VCC
-0.3V
1mA
1mA
49
GND
N/A
N/A
20mA
1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com