Electronic Components Datasheet Search
  English  ▼

X  

IR3575 Datasheet(PDF) 7 Page - International Rectifier

Part # IR3575
Description  60A Exposed Top Integrated PowIRstage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3575 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3575 Datasheet HTML 3Page - International Rectifier IR3575 Datasheet HTML 4Page - International Rectifier IR3575 Datasheet HTML 5Page - International Rectifier IR3575 Datasheet HTML 6Page - International Rectifier IR3575 Datasheet HTML 7Page - International Rectifier IR3575 Datasheet HTML 8Page - International Rectifier IR3575 Datasheet HTML 9Page - International Rectifier IR3575 Datasheet HTML 10Page - International Rectifier IR3575 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
June 20, 2012 | FINAL DATASHEET | V1.1
7
IR3575
60A Exposed Top Integrated PowIRstage®
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Slew Rate
SR
6
V/µs
Differential Input Range
VD_IN
0.8V ≤ V(REFIN) ≤ 2.25V,
-10
25
mV
Common Mode Input Range
VC_IN
0
VCC-
2.5
V
Output Impedance (IOUT)
RCS_OUT
62
200
Ω
IOUT Sink Current
ICS_SINK
Driving external 3 kΩ
0.5
0.8
1.1
mA
Diode Emulation Mode Comparator
Input Offset Voltage
VIN_OFFSET
Note 3
-12
-3
3
mV
Leading Edge Blanking Time
tBLANK
V(GATEL)>1V Starts Timer
50
150
200
ns
Negative Current Time-Out
tNC_TOUT
PWM = Tri-State,
V(SW) ≤ -10mV
12
28
46
µs
Digital Input – BBRK#
Input voltage high
VBBRK#_IH
2.0
V
Input voltage low
VBBRK#_IL
0.8
V
Internal Pull Up Resistance
RBBRK#_PULLUP
VCC > UVLO
69
200
338
kΩ
Internal Pull Up Voltage
VBBRK#_PULLUP
VCC > UVLO
3.3
V
Digital Output – PHSFLT#
Output voltage high
VPHASFLT#_OH
VCC
V
Output voltage low
VPHASFLT#_OL
4mA
150
300
mV
Input current
IPHASFLT#_IN
V(PHSFLT#) = 5.5V
0
1
µA
Phase Fault Detection
Control MOSFET Short Threshold
VCM_SHORT
Measure from SW to PGND
3.3
V
Synchronous MOSFET Short Threshold
VSM_SHORT
Measure from SW to PGND
150
200
250
mV
Synchronous MOSFET Open Threshold
VSM_OPEN
Measure from SW to PGND
-250
-200
-150
mV
Propagation Delay
tPROP
PWM High to Low Cycles
15
Cycle
Thermal Flag
Rising Threshold
TRISE
PHSFLT# Drives Low,
Note 1
160
°C
Falling Threshold
TFALL
Note 1
135
°C
Bootstrap Diode
Forward Voltage
VFWD
I(BOOST) = 30mA, VCC =
6.8V
360
520
920
mV
VCC Under Voltage Lockout
Start Threshold
VVCC_START
3.3
3.7
4.1
V
Stop Threshold
VVCC_STOP
3.0
3.4
3.8
V
Hysteresis
VVCC_HYS
0.2
0.3
0.4
V
General



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com