Electronic Components Datasheet Search
  English  ▼

X  

IR3575 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3575
Description  60A Exposed Top Integrated PowIRstage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3575 Datasheet(HTML) 1 Page - International Rectifier

  IR3575 Datasheet HTML 1Page - International Rectifier IR3575 Datasheet HTML 2Page - International Rectifier IR3575 Datasheet HTML 3Page - International Rectifier IR3575 Datasheet HTML 4Page - International Rectifier IR3575 Datasheet HTML 5Page - International Rectifier IR3575 Datasheet HTML 6Page - International Rectifier IR3575 Datasheet HTML 7Page - International Rectifier IR3575 Datasheet HTML 8Page - International Rectifier IR3575 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
June 20, 2012 | FINAL DATASHEET | V1.1
1
IR3575
60A Exposed Top Integrated PowIRstage®
FEATURES
 Peak efficiency up to 95% at 1.2V
 Integrated driver, control MOSFET, synchronous
MOSFET and Schottky diode
 Input voltage (VIN) operating range up to 15V
 Output voltage range from 0.25V up to 3.3
 Output current capability of 60A DC
 Operation up to 1.0MHz
 Integrated current sense amplifier
 VCC under voltage lockout
 Thermal flag
 Body-Braking™ load transient support
 Diode-emulation high efficiency mode
 Compatible with 3.3V PWM logic and VCC tolerant
 Compliant with Intel DrMOS V4.0
 PCB footprint compatible with IR3576
 Enhanced top side cooling through exposed pad
 Small 6mm x 6mm x 0.65mm PQFN package
 Lead free RoHS compliant package
APPLICATIONS
 Voltage Regulators for CPUs, GPUs, and DDR
memory arrays
 High current, low profile DC-DC converters
BASIC APPLICATION
SW
PWM
VIN
PGND
VCC
VCC
BOOST
VIN
VOUT
PWM
CSIN+
CSIN-
4.5V to 7V
LGND
IOUT
IOUT
BBRK#
BBRK#
REFIN
REFIN
4.5V to 15V
IR3575
PHSFLT#
PHSFLT#
Figure 1: IR3575 Basic Application Circuit
DESCRIPTION
The IR3575 exposed-top integrated PowIRstage® is a
synchronous buck gate driver co-packed with a control
MOSFET and a synchronous MOSFET with integrated
Schottky diode. It is optimized internally for PCB layout,
heat transfer and driver/MOSFET timing. Custom designed
gate driver and MOSFET combination enables higher
efficiency at lower output voltages required by cutting
edge CPU, GPU and DDR memory designs.
Up to 1.0MHz
switching
frequency enables high
performance transient response, allowing miniaturization
of output inductors, as well as input and output capacitors
while maintaining industry leading efficiency. The IR3575’s
superior efficiency enables smallest size and lower solution
cost. The IR3575 PCB footprint is compatible with the
IR3576 (50A).
Integrated current sense amplifier achieves superior
current sense accuracy and signal to noise ratio vs. best-in-
class controller based Inductor DCR sense methods.
The IR3575 incorporates the Body-Braking™ feature which
enables reduction of output capacitors and is activated
quickly. Synchronous diode emulation mode in the IR3575
removes the zero-current detection burden from the PWM
controller and increases system light-load efficiency.
The IR3575 is optimized specifically for CPU core power
delivery in server applications. The ability to meet the
stringent requirements of the server market also makes
the IR3575 ideally suited to powering GPU and DDR
memory designs and other high current applications.
75
77
79
81
83
85
87
89
91
93
95
0
5
10
15
20
25
30
35
40
45
50
55
60
Output Current (A)
0
2
4
6
8
10
12
14
16
18
20
Figure 2: Typical IR3575 Efficiency & Power Loss (See Note 2 on Page 8)


Similar Part No. - IR3575

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3575 IRF-IR3575 Datasheet
955Kb / 22P
60A Exposed Top Integrated PowIRstage
IR3575 IRF-IR3575_15 Datasheet
955Kb / 22P
60A Exposed Top Integrated PowIRstage
More results

Similar Description - IR3575

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
60A Integrated PowIRstage
IR3551 IRF-IR3551_15 Datasheet
926Kb / 22P
50A Integrated PowIRstage
IR3553 IRF-IR3553_15 Datasheet
914Kb / 22P
40A Integrated PowIRstage
IR3555 IRF-IR3555_15 Datasheet
81Kb / 1P
60A Integrated PowIRstage
IR3555A IRF-IR3555A_15 Datasheet
81Kb / 1P
60A Integrated PowIRstage
IR3558 IRF-IR3558_15 Datasheet
796Kb / 21P
45A Integrated PowIRstage
IR3575 IRF-IR3575_15 Datasheet
955Kb / 22P
60A Exposed Top Integrated PowIRstage
IR3578 IRF-IR3578_15 Datasheet
82Kb / 1P
50A Exposed-Top Integrated PowIRstage
IR3579 IRF-IR3579_15 Datasheet
82Kb / 1P
60A Exposed-Top Integrated PowIRstage
IR3579A IRF-IR3579A_15 Datasheet
81Kb / 1P
60A Exposed-Top Integrated PowIRstage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com