Electronic Components Datasheet Search
  English  ▼

X  

IR3575 Datasheet(PDF) 12 Page - International Rectifier

Part # IR3575
Description  60A Exposed Top Integrated PowIRstage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3575 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3575 Datasheet HTML 8Page - International Rectifier IR3575 Datasheet HTML 9Page - International Rectifier IR3575 Datasheet HTML 10Page - International Rectifier IR3575 Datasheet HTML 11Page - International Rectifier IR3575 Datasheet HTML 12Page - International Rectifier IR3575 Datasheet HTML 13Page - International Rectifier IR3575 Datasheet HTML 14Page - International Rectifier IR3575 Datasheet HTML 15Page - International Rectifier IR3575 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
June 20, 2012 | FINAL DATASHEET | V1.1
12
IR3575
60A Exposed Top Integrated PowIRstage®
TYPICAL OPERATING CHARACTERISTICS (CONTINUED)
Circuit of Figure 32, VIN=12V, VOUT=1.2V, ƒSW = 400kHz, L=150nH (0.29mΩ), VCC=7V, TAMBIENT = 25°C, no heat sink, no air flow,
8-layer PCB board of 3.7” (L) x 2.6” (W), no PWM controller loss, no inductor loss, unless specified otherwise.
Figure 19: Body-Braking
TM Delays
Figure 20: PWM Tri-state Delays, IOUT = 10A
Figure 21: PWM Tri-state Delays, IOUT = 10A
Figure 22: Diode Emulation Mode, IOUT = 3A
Figure 23: Body-Braking
TM Mode, I
OUT = 3A
Figure 24: Diode Emulation Setup through BBRK# Capacitor
VCC
2V/div
BBRK#
1V/div
2ms/div
SW
10V/div
BBRK#
5V/div
GATEL
5V/div
40ns/div
PWM
5V/div
PWM
2V/div
SW
5V/div
100ns/div
PWM
2V/div
SW
5V/div
100ns/div
PWM
2V/div
SW
5V/div
400ns/div
GATEL
10V/div
PWM
2V/div
SW
5V/div
400ns/div
GAETL
10V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com