Electronic Components Datasheet Search
  English  ▼

X  

IR3575 Datasheet(PDF) 11 Page - International Rectifier

Part # IR3575
Description  60A Exposed Top Integrated PowIRstage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3575 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR3575 Datasheet HTML 7Page - International Rectifier IR3575 Datasheet HTML 8Page - International Rectifier IR3575 Datasheet HTML 9Page - International Rectifier IR3575 Datasheet HTML 10Page - International Rectifier IR3575 Datasheet HTML 11Page - International Rectifier IR3575 Datasheet HTML 12Page - International Rectifier IR3575 Datasheet HTML 13Page - International Rectifier IR3575 Datasheet HTML 14Page - International Rectifier IR3575 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
June 20, 2012 | FINAL DATASHEET | V1.1
11
IR3575
60A Exposed Top Integrated PowIRstage®
TYPICAL OPERATING CHARACTERISTICS (CONTINUED)
Circuit of Figure 32, VIN=12V, VOUT=1.2V, ƒSW = 400kHz, L=150nH (0.29mΩ), VCC=7V, TAMBIENT = 25°C, no heat sink, no air flow,
8-layer PCB board of 3.7” (L) x 2.6” (W), no PWM controller loss, no inductor loss, unless specified otherwise.
Figure 13: Normalized Power Loss vs. VCC Voltage
Figure 14: Power Loss vs. Output Inductor
Figure 15: VCC Current vs. Switching Frequency
Figure 16: Switching Waveform, IOUT = 0A
Figure 17: Switching Waveform, IOUT = 50A
Figure 18: PWM to SW Delays, IOUT = 10A
PWM
2V/div
SW
5V/div
40ns/div
PWM
5V/div
SW
5V/div
GATEL
10V/div
400ns/div
PWM
5V/div
SW
5V/div
GATEL
10V/div
400ns/div
0.85
0.90
0.95
1.00
1.05
1.10
1.15
120
130
140
150
160
170
180
190
200
210
Output Inductor (nH)
-2.25
-1.50
-0.75
0.00
0.75
1.50
2.25
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
5.00
5.25
5.50
5.75
6.00
6.25
6.50
6.75
7.00
VCC Voltage (V)
-2.25
-1.50
-0.75
0.00
0.75
1.50
2.25
3.00
0
10
20
30
40
50
60
70
80
200
300
400
500
600
700
800
900
1000
fsw (kHz)
Vcc=6.8V
Vcc=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com