Electronic Components Datasheet Search
  English  ▼

X  

FLEX10K Datasheet(PDF) 5 Page - Altera Corporation

Part # FLEX10K
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10K Datasheet(HTML) 5 Page - Altera Corporation

  FLEX10K Datasheet HTML 1Page - Altera Corporation FLEX10K Datasheet HTML 2Page - Altera Corporation FLEX10K Datasheet HTML 3Page - Altera Corporation FLEX10K Datasheet HTML 4Page - Altera Corporation FLEX10K Datasheet HTML 5Page - Altera Corporation FLEX10K Datasheet HTML 6Page - Altera Corporation FLEX10K Datasheet HTML 7Page - Altera Corporation FLEX10K Datasheet HTML 8Page - Altera Corporation FLEX10K Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 128 page
background image
Altera Corporation
5
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Notes to tables:
(1)
FLEX 10K and FLEX 10KA device package types include plastic J-lead chip carrier (PLCC), thin quad flat pack
(TQFP), plastic quad flat pack (PQFP), power quad flat pack (RQFP), ball-grid array (BGA), pin-grid array (PGA),
and FineLine BGATM packages.
(2)
This option is supported with a 256-pin FineLine BGA package. By using SameFrame pin migration, all FineLine
BGA packages are pin compatible. For example, a board can be designed to support both 256-pin and 484-pin
FineLine BGA packages. The Altera software automatically avoids conflicting pins when future migration is set.
General
Description
Altera’s FLEX 10K devices are the industry’s first embedded PLDs. Based
on reconfigurable CMOS SRAM elements, the Flexible Logic Element
MatriX (FLEX) architecture incorporates all features necessary to
implement common gate array megafunctions. With up to 250,000 gates,
the FLEX 10K family provides the density, speed, and features to integrate
entire systems, including multiple 32-bit buses, into a single device.
FLEX 10K devices are reconfigurable, which allows 100
% testing prior to
shipment. As a result, the designer is not required to generate test vectors
for fault coverage purposes. Additionally, the designer does not need to
manage inventories of different ASIC designs; FLEX 10K devices can be
configured on the board for the specific functionality required.
Table 6 shows FLEX 10K performance for some common designs. All
performance values were obtained with Synopsys DesignWare or LPM
functions. No special design technique was required to implement the
applications; the designer simply inferred or instantiated a function in a
Verilog HDL, VHDL, Altera Hardware Description Language (AHDL), or
schematic design file.
Notes:
(1)
The speed grade of this application is limited because of clock high and low specifications.
(2)
This application uses combinatorial inputs and outputs.
(3)
This application uses registered inputs and outputs.
Table 6. FLEX 10K & FLEX 10KA Performance
Application
Resources
Used
Performance
Units
LEs
EABs
-1 Speed
Grade
-2 Speed
Grade
-3 Speed
Grade
-4 Speed
Grade
16-bit loadable
counter (1)
16
0
204
166
125
95
MHz
16-bit accumulator (1)
16
0
204
166
125
95
MHz
16-to-1 multiplexer (2)
10
0
4.2
5.8
6.0
7.0
ns
256
× 8 RAM read
cycle speed (3)
0
1
172
145
108
84
MHz
256
× 8 RAM write
cycle speed (3)
01
106
89
68
63
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com