Electronic Components Datasheet Search
  English  ▼

X  

FLEX10K Datasheet(PDF) 72 Page - Altera Corporation

Part # FLEX10K
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10K Datasheet(HTML) 72 Page - Altera Corporation

Back Button FLEX10K Datasheet HTML 68Page - Altera Corporation FLEX10K Datasheet HTML 69Page - Altera Corporation FLEX10K Datasheet HTML 70Page - Altera Corporation FLEX10K Datasheet HTML 71Page - Altera Corporation FLEX10K Datasheet HTML 72Page - Altera Corporation FLEX10K Datasheet HTML 73Page - Altera Corporation FLEX10K Datasheet HTML 74Page - Altera Corporation FLEX10K Datasheet HTML 75Page - Altera Corporation FLEX10K Datasheet HTML 76Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 128 page
background image
72
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Tables 48 through 56 show EPF10K30, EPF10K40, and EPF10K50 device
internal and external timing parameters.
Table 48. EPF10K30, EPF10K40 & EPF10K50 Device LE Timing Microparameters
Note (1)
Symbol
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
tLUT
1.3
1.8
ns
tCLUT
0.6
0.6
ns
tRLUT
1.5
2.0
ns
tPACKED
0.5
0.8
ns
tEN
0.9
1.5
ns
tCICO
0.2
0.4
ns
tCGEN
0.9
1.4
ns
tCGENR
0.9
1.4
ns
tCASC
1.0
1.2
ns
tC
1.3
1.6
ns
tCO
0.9
1.2
ns
tCOMB
0.6
0.6
ns
tSU
1.4
1.4
ns
tH
0.9
1.3
ns
tPRE
0.9
1.2
ns
tCLR
0.9
1.2
ns
tCH
4.0
4.0
ns
tCL
4.0
4.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com