Electronic Components Datasheet Search
  English  ▼

X  

FLEX10K Datasheet(PDF) 97 Page - Altera Corporation

Part # FLEX10K
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10K Datasheet(HTML) 97 Page - Altera Corporation

Back Button FLEX10K Datasheet HTML 93Page - Altera Corporation FLEX10K Datasheet HTML 94Page - Altera Corporation FLEX10K Datasheet HTML 95Page - Altera Corporation FLEX10K Datasheet HTML 96Page - Altera Corporation FLEX10K Datasheet HTML 97Page - Altera Corporation FLEX10K Datasheet HTML 98Page - Altera Corporation FLEX10K Datasheet HTML 99Page - Altera Corporation FLEX10K Datasheet HTML 100Page - Altera Corporation FLEX10K Datasheet HTML 101Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 128 page
background image
Altera Corporation
97
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Table 81. EPF10K130V Device EAB Internal Timing Macroparameters
Note (1)
Symbol
-2 Speed Grade
-3 Speed Grade
-4 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tEABAA
11.2
14.2
14.2
ns
tEABRCCOMB
11.1
14.2
14.2
ns
tEABRCREG
8.5
10.8
10.8
ns
tEABWP
3.7
4.7
4.7
ns
tEABWCCOMB
7.6
9.7
9.7
ns
tEABWCREG
14.0
17.8
17.8
ns
tEABDD
11.1
14.2
14.2
ns
tEABDATACO
3.6
4.6
4.6
ns
tEABDATASU
4.4
5.6
5.6
ns
tEABDATAH
0.0
0.0
0.0
ns
tEABWESU
4.4
5.6
5.6
ns
tEABWEH
0.0
0.0
0.0
ns
tEABWDSU
4.6
5.9
5.9
ns
tEABWDH
0.0
0.0
0.0
ns
tEABWASU
3.9
5.0
5.0
ns
tEABWAH
0.0
0.0
0.0
ns
tEABWO
11.1
14.2
14.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com