Electronic Components Datasheet Search
  English  ▼

X  

FLEX10K Datasheet(PDF) 40 Page - Altera Corporation

Part # FLEX10K
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10K Datasheet(HTML) 40 Page - Altera Corporation

Back Button FLEX10K Datasheet HTML 36Page - Altera Corporation FLEX10K Datasheet HTML 37Page - Altera Corporation FLEX10K Datasheet HTML 38Page - Altera Corporation FLEX10K Datasheet HTML 39Page - Altera Corporation FLEX10K Datasheet HTML 40Page - Altera Corporation FLEX10K Datasheet HTML 41Page - Altera Corporation FLEX10K Datasheet HTML 42Page - Altera Corporation FLEX10K Datasheet HTML 43Page - Altera Corporation FLEX10K Datasheet HTML 44Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 128 page
background image
40
Altera Corporation
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Table 12 describes the FLEX 10K device supply voltages and MultiVolt
I/O support levels.
Note
(1)
240-pin QFP packages do not support the MultiVolt I/O features, so they do not have separate VCCIO pins.
Power Sequencing & Hot-Socketing
Because FLEX 10K devices can be used in a multi-voltage environment,
they have been designed specifically to tolerate any possible power-up
sequence. The VCCIO and VCCINT power supplies can be powered in any
order.
Signals can be driven into FLEX 10KA devices before and during power
up without damaging the device. Additionally, FLEX 10KA devices do
not drive out during power up. Once operating conditions are reached,
FLEX 10KA devices operate as specified by the user.
IEEE Std.
1149.1 (JTAG)
Boundary-Scan
Support
All FLEX 10K devices provide JTAG BST circuitry that complies with the
IEEE Std. 1149.1-1990 specification. All FLEX 10K devices can also be
configured using the JTAG pins through the BitBlaster serial download
cable, or ByteBlasterMV parallel port download cable, or via hardware
that uses the JamTM programming and test language. JTAG BST can be
performed before or after configuration, but not during configuration.
FLEX 10K devices support the JTAG instructions shown in Table 13.
Table 12. Supply Voltages & MultiVolt I/O Support Levels
Devices
Supply Voltage (V)
MultiVolt I/O Support Levels (V)
VCCINT
VCCIO
Input
Output
FLEX 10K (1)
5.0
5.0
3.3 or 5.0
5.0
5.0
3.3
3.3 or 5.0
3.3 or 5.0
EPF10K50V (1)
3.3
3.3
3.3 or 5.0
3.3 or 5.0
EPF10K130V
3.3
3.3
3.3 or 5.0
3.3 or 5.0
FLEX 10KA (1)
3.3
3.3
2.5, 3.3, or 5.0
3.3 or 5.0
3.3
2.5
2.5, 3.3, or 5.0
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com