Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 156 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 156 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 152Page - Altera Corporation EP3SE110 Datasheet HTML 153Page - Altera Corporation EP3SE110 Datasheet HTML 154Page - Altera Corporation EP3SE110 Datasheet HTML 155Page - Altera Corporation EP3SE110 Datasheet HTML 156Page - Altera Corporation EP3SE110 Datasheet HTML 157Page - Altera Corporation EP3SE110 Datasheet HTML 158Page - Altera Corporation EP3SE110 Datasheet HTML 159Page - Altera Corporation EP3SE110 Datasheet HTML 160Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 341 page
background image
1–146
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
Table 1–79 and Table 1–80 list the EP3SL150 regional clock (RCLK) adder values that
must be added to the GCLK values. Use these adder values to determine I/O timing
when the I/O pin is driven using the regional clock. This applies to all I/O standards
supported by Stratix III devices.
Table 1–79 lists the EP3SL150 column pin delay adders when using the regional clock.
Table 1–80 lists the EP3SL150 row pin delay adders when using the regional clock.
EP3SL200 I/O Timing Parameters
Table 1–81 through Table 1–84 list the maximum I/O timing parameters for EP3SL200
devices for single-ended I/O standards.
Table 1–81 lists the EP3SL200 column pins input timing parameters for single-ended
I/O standards.
Table 1–79. EP3SL150 Column Pin Delay Adders for Regional Clock
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
RCLK input adder
0.198
0.152
0.22
0.258
0.27
0.262
0.393
0.244
0.271
0.261
0.495
ns
RCLK PLL input adder
2.453
2.426
3.654
4.098
4.422
4.224
4.664
4.106
4.447
4.101
4.707
ns
RCLK output adder
-0.374
-0.152
-0.216
-0.232
-0.248
-0.227
-0.367
-0.11
-0.127
-0.106
-0.303
ns
RCLK PLL output adder
-2.017
-1.798
-2.68
-2.859
-3.011
-2.872
-2.715
-2.714
-3.082
-2.791
-2.766
ns
Table 1–80. EP3SL150 Row Pin Delay Adders for Regional Clock
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
RCLK input adder
0.107
0.115
0.164
0.165
0.167
0.165
0.285
0.158
0.159
0.158
0.29
ns
RCLK PLL input adder
0.074
0.075
0.116
0.123
0.129
0.126
0.218
0.114
0.118
0.114
0.223
ns
RCLK output adder
-0.093
-0.103
-0.137
-0.136 -0.133 -0.134 -0.257 -0.125 -0.121 -0.122 -0.261
ns
RCLK PLL output adder
-0.063
-0.065
-0.097
-0.102 -0.103 -0.102 -0.198 -0.088 -0.089 -0.088 -0.202
ns
Table 1–81. EP3SL200 Column Pins Input Timing Parameters (Part 1 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
3.3-V
LVTTL
GCLK
t
su
-1.137
-1.173
-1.810 -1.775 -2.002 -1.934 -2.482
-1.775
-2.002
-1.934
-2.482
ns
t
h
1.285
1.319
2.032
2.008
2.259
2.177
2.724
2.008
2.259
2.177
2.724
ns
GCLK
PLL
t
su
-1.465
-1.465
-2.238 -2.271 -2.558 -2.477 -2.997
-2.271
-2.558
-2.477
-2.997
ns
t
h
1.778
1.778
2.727
2.776
3.113
3.000
3.543
2.776
3.113
3.000
3.543
ns
3.3-V
LVCMOS
GCLK
t
su
-1.137
-1.173
-1.810 -1.775 -2.002 -1.934 -2.482
-1.775
-2.002
-1.934
-2.482
ns
t
h
1.285
1.319
2.032
2.008
2.259
2.177
2.724
2.008
2.259
2.177
2.724
ns
GCLK
PLL
t
su
-1.465
-1.465
-2.238 -2.271 -2.558 -2.477 -2.997
-2.271
-2.558
-2.477
-2.997
ns
t
h
1.778
1.778
2.727
2.776
3.113
3.000
3.543
2.776
3.113
3.000
3.543
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com