Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 163 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 163 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 159Page - Altera Corporation EP3SE110 Datasheet HTML 160Page - Altera Corporation EP3SE110 Datasheet HTML 161Page - Altera Corporation EP3SE110 Datasheet HTML 162Page - Altera Corporation EP3SE110 Datasheet HTML 163Page - Altera Corporation EP3SE110 Datasheet HTML 164Page - Altera Corporation EP3SE110 Datasheet HTML 165Page - Altera Corporation EP3SE110 Datasheet HTML 166Page - Altera Corporation EP3SE110 Datasheet HTML 167Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–153
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
3.0-V
LVCMOS
4mA
GCLK
tco
3.555
3.555
5.173
5.360
5.861
5.719
6.123 5.360 5.861 5.719 6.123
ns
GCLK
PLL
t
co
3.954
3.954
5.808
6.000
6.566
6.395
6.880 6.000 6.566 6.395 6.880
ns
8mA
GCLK
tco
3.476
3.476
5.049
5.231
5.726
5.584
5.988 5.231 5.726 5.584 5.988
ns
GCLK
PLL
t
co
3.875
3.875
5.684
5.871
6.431
6.260
6.745 5.871 6.431 6.260 6.745
ns
12mA
GCLK
t
co
3.471
3.471
5.042
5.224
5.718
5.575
5.980 5.224 5.718 5.575 5.980
ns
GCLK
PLL
t
co
3.870
3.870
5.677
5.864
6.422
6.250
6.737 5.864 6.422 6.250 6.737
ns
16mA
GCLK
t
co
3.462
3.462
5.028
5.209
5.703
5.560
5.965 5.209 5.703 5.560 5.965
ns
GCLK
PLL
t
co
3.861
3.861
5.663
5.849
6.407
6.235
6.722 5.849 6.407 6.235 6.722
ns
2.5 V
4mA
GCLK
t
co
3.677
3.677
5.380
5.587
6.108
5.966
6.370 5.587 6.108 5.966 6.370
ns
GCLK
PLL
t
co
4.076
4.076
6.015
6.227
6.813
6.642
7.127 6.227 6.813 6.642 7.127
ns
8mA
GCLK
t
co
3.577
3.577
5.261
5.461
5.976
5.834
6.238 5.461 5.976 5.834 6.238
ns
GCLK
PLL
tco
3.976
3.976
5.896
6.101
6.681
6.510
6.995 6.101 6.681 6.510 6.995
ns
12mA
GCLK
t
co
3.533
3.533
5.174
5.370
5.881
5.738
6.143 5.370 5.881 5.738 6.143
ns
GCLK
PLL
tco
3.932
3.932
5.809
6.010
6.585
6.413
6.900 6.010 6.585 6.413 6.900
ns
16mA
GCLK
t
co
3.495
3.495
5.135
5.328
5.838
5.695
6.100 5.328 5.838 5.695 6.100
ns
GCLK
PLL
t
co
3.894
3.894
5.770
5.968
6.542
6.370
6.857 5.968 6.542 6.370 6.857
ns
Table 1–83. EP3SL200 Column Pins Output Timing Parameters (Part 2 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com