Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 172 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 172 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 168Page - Altera Corporation EP3SE110 Datasheet HTML 169Page - Altera Corporation EP3SE110 Datasheet HTML 170Page - Altera Corporation EP3SE110 Datasheet HTML 171Page - Altera Corporation EP3SE110 Datasheet HTML 172Page - Altera Corporation EP3SE110 Datasheet HTML 173Page - Altera Corporation EP3SE110 Datasheet HTML 174Page - Altera Corporation EP3SE110 Datasheet HTML 175Page - Altera Corporation EP3SE110 Datasheet HTML 176Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 341 page
background image
1–162
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8-V
HSTL
CLASS I
4mA
GCLK
tco
3.458
3.720
5.479 5.692 6.268 6.108 6.453 5.839 6.402 6.108 6.453
ns
GCLK
PLL
t
co
1.381
1.568
2.008 2.093 2.296 2.305 2.241 2.212 2.415 2.305 2.241
ns
6mA
GCLK
t
co
3.451
3.708
5.470 5.684 6.260 6.100 6.445 5.838 6.395 6.100 6.445
ns
GCLK
PLL
tco
1.371
1.556
1.999 2.085 2.288 2.297 2.233 2.204 2.415 2.297 2.233
ns
8mA
GCLK
t
co
3.442
3.696
5.462 5.675 6.252 6.092 6.438 5.831 6.387 6.092 6.438
ns
GCLK
PLL
t
co
1.362
1.544
1.991 2.076 2.280 2.289 2.225 2.196 2.408 2.289 2.225
ns
10mA
GCLK
t
co
3.445
3.698
5.464 5.678 6.255 6.095 6.442 5.834 6.390 6.095 6.442
ns
GCLK
PLL
t
co
1.365
1.546
1.993 2.079 2.283 2.292 2.228 2.199 2.411 2.292 2.228
ns
12mA
GCLK
tco
3.441
3.693
5.462 5.677 6.255 6.095 6.445 5.837 6.395 6.095 6.445
ns
GCLK
PLL
t
co
1.361
1.541
1.991 2.081 2.283 2.292 2.228 2.202 2.416 2.292 2.228
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
t
co
3.449
3.697
5.457 5.669 6.246 6.086 6.441 5.833 6.389 6.086 6.441
ns
GCLK
PLL
t
co
1.369
1.545
1.986 2.078 2.274 2.283 2.219 2.198 2.410 2.283 2.219
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
t
co
3.464
3.727
5.490 5.705 6.283 6.123 6.468 5.848 6.416 6.123 6.468
ns
GCLK
PLL
t
co
1.388
1.575
2.019 2.106 2.311 2.320 2.256 2.224 2.426 2.320 2.256
ns
6mA
GCLK
t
co
3.458
3.717
5.486 5.701 6.279 6.119 6.464 5.850 6.413 6.119 6.464
ns
GCLK
PLL
t
co
1.378
1.565
2.015 2.102 2.307 2.316 2.252 2.221 2.429 2.316 2.252
ns
8mA
GCLK
tco
3.454
3.712
5.480 5.695 6.273 6.113 6.458 5.845 6.407 6.113 6.458
ns
GCLK
PLL
t
co
1.374
1.560
2.009 2.096 2.301 2.310 2.246 2.215 2.423 2.310 2.246
ns
1.2-V
HSTL
CLASS I
4mA
GCLK
t
co
3.466
3.726
5.501 5.719 6.301 6.141 6.486 5.864 6.433 6.141 6.486
ns
GCLK
PLL
t
co
1.387
1.574
2.030 2.120 2.329 2.338 2.274 2.238 2.445 2.338 2.274
ns
6mA
GCLK
t
co
3.457
3.714
5.490 5.707 6.289 6.129 6.474 5.855 6.422 6.129 6.474
ns
GCLK
PLL
t
co
1.377
1.562
2.019 2.108 2.317 2.326 2.262 2.227 2.436 2.326 2.262
ns
8mA
GCLK
t
co
3.456
3.712
5.494 5.712 6.295 6.135 6.480 5.864 6.429 6.135 6.480
ns
GCLK
PLL
t
co
1.376
1.560
2.023 2.113 2.323 2.332 2.268 2.233 2.446 2.332 2.268
ns
3.0-V PCI
—
GCLK
tco
3.569
3.829
5.537 5.731 6.305 6.146 6.519 5.903 6.453 6.146 6.519
ns
GCLK
PLL
t
co
1.489
1.665
2.054 2.132 2.315 2.328 2.267 2.268 2.474 2.328 2.267
ns
3.0-V
PCI-X
—
GCLK
t
co
3.569
3.829
5.537 5.731 6.305 6.146 6.519 5.903 6.453 6.146 6.519
ns
GCLK
PLL
t
co
1.489
1.665
2.054 2.132 2.315 2.328 2.267 2.268 2.474 2.328 2.267
ns
Table 1–84. EP3SL200 Row Pins Output Timing Parameters (Part 4 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com