Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 231 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 231 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 227Page - Altera Corporation EP3SE110 Datasheet HTML 228Page - Altera Corporation EP3SE110 Datasheet HTML 229Page - Altera Corporation EP3SE110 Datasheet HTML 230Page - Altera Corporation EP3SE110 Datasheet HTML 231Page - Altera Corporation EP3SE110 Datasheet HTML 232Page - Altera Corporation EP3SE110 Datasheet HTML 233Page - Altera Corporation EP3SE110 Datasheet HTML 234Page - Altera Corporation EP3SE110 Datasheet HTML 235Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–221
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–107 lists the EP3SE50 column pins output timing parameters for differential
I/O standards.
DIFFERENTIAL
2.5-V SSTL
CLASS II
GCLK
tsu
-0.762
-0.796
-1.128 -1.227 -1.336 -1.287 -1.561 -1.231 -1.336 -1.290
-1.593
ns
t
h
0.878
0.925
1.314
1.436
1.569
1.505
1.780
1.451
1.580
1.518
1.813
ns
GCLK
PLL
t
su
1.049
1.053
1.742
1.984
2.216
2.094
2.120
1.991
2.226
2.103
2.172
ns
t
h
-0.796
-0.789
-1.341 -1.533 -1.709 -1.620 -1.638 -1.530 -1.710 -1.620
-1.688
ns
Table 1–106. EP3SE50 Row Pins Input Timing Parameters (Part 3 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–107. EP3SE50 Column Pins Output Timing Parameters (Part 1 of 4)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS_E_1R
—
GCLK
tco
3.058
3.277
4.610 5.014 5.527 5.385 5.614 5.140 5.654 5.514 5.680
ns
GCLK
PLL
t
co
3.054
3.280
4.657 5.069 5.589 5.447 5.676 5.199 5.720 5.580 5.746
ns
LVDS_E_3R
—
GCLK
t
co
3.058
3.277
4.610 5.014 5.527 5.385 5.614 5.140 5.654 5.514 5.680
ns
GCLK
PLL
t
co
3.054
3.280
4.657 5.069 5.589 5.447 5.676 5.199 5.720 5.580 5.746
ns
MINI-
LVDS_E_1R
—
GCLK
t
co
3.058
3.277
4.610 5.014 5.527 5.385 5.614 5.140 5.654 5.514 5.680
ns
GCLK
PLL
t
co
3.054
3.280
4.657 5.069 5.589 5.447 5.676 5.199 5.720 5.580 5.746
ns
MINI-
LVDS_E_3R
—
GCLK
t
co
3.085
3.310
4.681 5.092 5.611 5.469 5.698 5.220 5.740 5.600 5.766
ns
GCLK
PLL
t
co
3.075
3.300
4.671 5.081 5.601 5.459 5.688 5.209 5.730 5.590 5.756
ns
RSDS_E_1R
—
GCLK
tco
3.075
3.300
4.674 5.085 5.605 5.463 5.692 5.214 5.735 5.595 5.761
ns
GCLK
PLL
t
co
3.068
3.294
4.667 5.079 5.599 5.457 5.686 5.207 5.729 5.589 5.755
ns
RSDS_E_3R
—
GCLK
t
co
3.067
3.292
4.664 5.076 5.596 5.454 5.683 5.204 5.725 5.585 5.751
ns
GCLK
PLL
t
co
3.089
3.314
4.685 5.096 5.615 5.473 5.702 5.224 5.745 5.605 5.771
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com