Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 235 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 235 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 231Page - Altera Corporation EP3SE110 Datasheet HTML 232Page - Altera Corporation EP3SE110 Datasheet HTML 233Page - Altera Corporation EP3SE110 Datasheet HTML 234Page - Altera Corporation EP3SE110 Datasheet HTML 235Page - Altera Corporation EP3SE110 Datasheet HTML 236Page - Altera Corporation EP3SE110 Datasheet HTML 237Page - Altera Corporation EP3SE110 Datasheet HTML 238Page - Altera Corporation EP3SE110 Datasheet HTML 239Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–225
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–108 lists the EP3SE50 row pins output timing parameters for differential I/O
standards.
Table 1–108. EP3SE50 Row Pins Output Timing Parameters (Part 1 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
—
GCLK
t
co
2.674
2.849
3.990
4.359
4.834
4.699
4.910 4.467 4.945 4.809 4.961
ns
GCLK
PLL
t
co
3.068
3.295
4.657
5.068
5.588
5.445
5.648 5.200 5.724 5.579 5.715
ns
LVDS_E_1R
—
GCLK
t
co
3.050
3.285
4.695
5.114
5.642
5.499
5.702 5.251 5.785 5.640 5.776
ns
GCLK
PLL
t
co
2.674
2.849
3.990
4.359
4.834
4.699
4.910 4.467 4.945 4.809 4.961
ns
LVDS_E_3R
—
GCLK
t
co
3.068
3.295
4.657
5.068
5.588
5.445
5.648 5.200 5.724 5.579 5.715
ns
GCLK
PLL
t
co
3.050
3.285
4.695
5.114
5.642
5.499
5.702 5.251 5.785 5.640 5.776
ns
MINI-LVDS
—
GCLK
t
co
2.674
2.849
3.990
4.359
4.834
4.699
4.910 4.467 4.945 4.809 4.961
ns
GCLK
PLL
t
co
3.068
3.295
4.657
5.068
5.588
5.445
5.648 5.200 5.724 5.579 5.715
ns
MINI-
LVDS_E_1R
—
GCLK
t
co
3.050
3.285
4.695
5.114
5.642
5.499
5.702 5.251 5.785 5.640 5.776
ns
GCLK
PLL
tco
3.104
3.338
4.741
5.158
5.685
5.542
5.745 5.294 5.824 5.679 5.815
ns
MINI-
LVDS_E_3R
—
GCLK
t
co
3.090
3.324
4.728
5.145
5.672
5.529
5.732 5.280 5.811 5.666 5.802
ns
GCLK
PLL
t
co
3.086
3.320
4.726
5.145
5.673
5.530
5.733 5.280 5.813 5.668 5.804
ns
RSDS
—
GCLK
t
co
3.102
3.335
4.727
5.142
5.667
5.524
5.727 5.277 5.806 5.661 5.797
ns
GCLK
PLL
t
co
3.091
3.325
4.723
5.138
5.664
5.521
5.724 5.274 5.803 5.658 5.794
ns
RSDS_E_1R
—
GCLK
t
co
3.088
3.322
4.721
5.136
5.662
5.519
5.722 5.272 5.802 5.657 5.793
ns
GCLK
PLL
t
co
3.099
3.332
4.722
5.137
5.661
5.518
5.721 5.271 5.800 5.655 5.791
ns
RSDS_E_3R
—
GCLK
t
co
3.089
3.323
4.720
5.135
5.660
5.517
5.720 5.271 5.800 5.655 5.791
ns
GCLK
PLL
t
co
3.075
3.309
4.705
5.120
5.646
5.503
5.706 5.256 5.785 5.640 5.776
ns
DIFFERENTIAL
1.2-V
HSTL CLASS I
4mA
GCLK
t
co
3.072
3.305
4.701
5.116
5.642
5.499
5.702 5.252 5.781 5.636 5.772
ns
GCLK
PLL
t
co
3.069
3.303
4.702
5.119
5.645
5.502
5.705 5.255 5.785 5.640 5.776
ns
6mA
GCLK
tco
3.070
3.303
4.692
5.107
5.632
5.489
5.692 5.242 5.771 5.626 5.762
ns
GCLK
PLL
t
co
3.119
3.356
4.763
5.180
5.708
5.565
5.768 5.316 5.847 5.702 5.838
ns
8mA
GCLK
t
co
3.095
3.332
4.745
5.163
5.691
5.548
5.751 5.299 5.832 5.687 5.823
ns
GCLK
PLL
t
co
3.077
3.313
4.723
5.141
5.669
5.526
5.729 5.277 5.810 5.665 5.801
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com