Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 281 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 281 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 277Page - Altera Corporation EP3SE110 Datasheet HTML 278Page - Altera Corporation EP3SE110 Datasheet HTML 279Page - Altera Corporation EP3SE110 Datasheet HTML 280Page - Altera Corporation EP3SE110 Datasheet HTML 281Page - Altera Corporation EP3SE110 Datasheet HTML 282Page - Altera Corporation EP3SE110 Datasheet HTML 283Page - Altera Corporation EP3SE110 Datasheet HTML 284Page - Altera Corporation EP3SE110 Datasheet HTML 285Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–271
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–125 through Table 1–128 list the maximum I/O timing parameters for
EP3SE110 devices for differential I/O standards.
Table 1–125 lists the EP3SE110 column pins input timing parameters for differential
I/O standards.
1.2-V
HSTL
CLASS I
4mA
GCLK
t
co
3.053
3.287
4.661 5.057 5.585 5.428 5.728 5.174 5.705 5.574 5.805
ns
GCLK
PLL
t
co
1.255
1.430
1.847 1.936 2.137 2.157 2.162 2.035 2.239 2.258 2.150
ns
6mA
GCLK
t
co
3.044
3.279
4.650 5.045 5.576 5.416 5.719 5.163 5.696 5.565 5.796
ns
GCLK
PLL
t
co
1.243
1.418
1.836 1.924 2.125 2.145 2.150 2.024 2.228 2.247 2.139
ns
8mA
GCLK
t
co
3.043
3.279
4.654 5.050 5.585 5.422 5.728 5.169 5.706 5.575 5.806
ns
GCLK
PLL
t
co
1.241
1.416
1.840 1.929 2.131 2.151 2.156 2.030 2.235 2.254 2.146
ns
3.0-V PCI
—
GCLK
t
co
3.163
3.401
4.709 5.091 5.611 5.451 5.758 5.213 5.734 5.603 5.837
ns
GCLK
PLL
t
co
1.354
1.570
1.920 1.997 2.156 2.167 2.156 2.061 2.263 2.282 2.149
ns
3.0-V
PCI-X
—
GCLK
t
co
3.163
3.401
4.709 5.091 5.611 5.451 5.758 5.213 5.734 5.603 5.837
ns
GCLK
PLL
t
co
1.354
1.570
1.920 1.997 2.156 2.167 2.156 2.061 2.263 2.282 2.149
ns
Table 1–124. EP3SE110 Row Pins Output Timing Parameters (Part 5 of 5)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–125. EP3SE110 Column Pins Input Timing Parameters (Part 1 of 3)
I/O Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
LVDS
GCLK
t
su
-0.997
-1.029
-1.181 -1.169 -1.324 -1.269
-1.645 -1.133 -1.542 -1.230 -1.683
ns
t
h
1.133
1.184
1.415
1.436
1.618
1.551
1.927
1.411
1.858
1.524
1.966
ns
GCLK
PLL
t
su
0.960
0.994
1.879
2.224
2.401
2.288
2.194
2.277
2.567
2.345
2.245
ns
t
h
-0.691
-0.701
-1.428 -1.714 -1.834 -1.749
-1.648 -1.756 -1.968 -1.795 -1.697
ns
MINI-LVDS
t
su
-0.997
-1.029
-1.181 -1.169 -1.324 -1.269
-1.645 -1.133 -1.542 -1.230 -1.683
ns
GCLK
t
h
1.133
1.184
1.415
1.436
1.618
1.551
1.927
1.411
1.858
1.524
1.966
ns
tsu
0.960
0.994
1.879
2.224
2.401
2.288
2.194
2.277
2.567
2.345
2.245
ns
GCLK
PLL
t
h
-0.691
-0.701
-1.428 -1.714 -1.834 -1.749
-1.648 -1.756 -1.968 -1.795 -1.697
ns
RSDS
t
su
-0.997
-1.029
-1.181 -1.169 -1.324 -1.269
-1.645 -1.133 -1.542 -1.230 -1.683
ns
t
h
1.133
1.184
1.415
1.436
1.618
1.551
1.927
1.411
1.858
1.524
1.966
ns
GCLK
t
su
0.960
0.994
1.879
2.224
2.401
2.288
2.194
2.277
2.567
2.345
2.245
ns
th
-0.691
-0.701
-1.428 -1.714 -1.834 -1.749
-1.648 -1.756 -1.968 -1.795 -1.697
ns
DIFFERENTIAL
1.2-V HSTL
CLASS I
GCLK
t
su
-0.813
-0.852
-1.258 -1.368 -1.483 -1.423
-1.794 -1.368 -1.482 -1.428 -1.837
ns
t
h
0.942
0.999
1.460
1.595
1.731
1.659
2.031
1.604
1.739
1.674
2.075
ns
GCLK
PLL
t
su
1.144
1.171
1.802
2.025
2.242
2.134
2.045
2.042
2.260
2.147
2.091
ns
t
h
-0.882
-0.886
-1.383 -1.555 -1.721 -1.641
-1.544 -1.563 -1.729 -1.645 -1.588
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com