Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 280 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 280 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 276Page - Altera Corporation EP3SE110 Datasheet HTML 277Page - Altera Corporation EP3SE110 Datasheet HTML 278Page - Altera Corporation EP3SE110 Datasheet HTML 279Page - Altera Corporation EP3SE110 Datasheet HTML 280Page - Altera Corporation EP3SE110 Datasheet HTML 281Page - Altera Corporation EP3SE110 Datasheet HTML 282Page - Altera Corporation EP3SE110 Datasheet HTML 283Page - Altera Corporation EP3SE110 Datasheet HTML 284Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 341 page
background image
1–270
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
SSTL-18
CLASS II
8mA
GCLK
t
co
3.038
3.273
4.633 5.025 5.557 5.392 5.700 5.144 5.678 5.547 5.778
ns
GCLK
PLL
t
co
1.236
1.411
1.819 1.904 2.102 2.121 2.126 2.005 2.207 2.226 2.116
ns
16mA
GCLK
t
co
3.039
3.276
4.639 5.031 5.567 5.400 5.710 5.150 5.689 5.558 5.789
ns
GCLK
PLL
t
co
1.237
1.413
1.818 1.905 2.112 2.123 2.128 2.007 2.218 2.237 2.120
ns
SSTL-15
CLASS I
4mA
GCLK
t
co
3.065
3.304
4.683 5.079 5.599 5.450 5.742 5.197 5.719 5.588 5.819
ns
GCLK
PLL
t
co
1.270
1.448
1.869 1.958 2.159 2.179 2.184 2.058 2.262 2.281 2.173
ns
6mA
GCLK
t
co
3.046
3.283
4.665 5.062 5.589 5.433 5.732 5.181 5.710 5.579 5.810
ns
GCLK
PLL
t
co
1.247
1.426
1.851 1.941 2.142 2.162 2.167 2.042 2.246 2.265 2.157
ns
8mA
GCLK
t
co
3.035
3.271
4.648 5.044 5.576 5.415 5.719 5.163 5.697 5.566 5.797
ns
GCLK
PLL
t
co
1.233
1.409
1.834 1.923 2.124 2.144 2.149 2.024 2.229 2.248 2.140
ns
1.8-V
HSTL
CLASS I
4mA
GCLK
t
co
3.045
3.280
4.639 5.030 5.555 5.395 5.698 5.148 5.675 5.544 5.775
ns
GCLK
PLL
t
co
1.249
1.424
1.825 1.909 2.104 2.124 2.129 2.009 2.208 2.227 2.119
ns
6mA
GCLK
t
co
3.038
3.273
4.630 5.022 5.554 5.387 5.697 5.140 5.675 5.544 5.775
ns
GCLK
PLL
t
co
1.237
1.412
1.816 1.901 2.099 2.116 2.121 2.001 2.204 2.223 2.112
ns
8mA
GCLK
t
co
3.029
3.265
4.623 5.013 5.547 5.380 5.690 5.132 5.668 5.537 5.768
ns
GCLK
PLL
t
co
1.227
1.402
1.807 1.892 2.092 2.108 2.113 1.993 2.197 2.216 2.104
ns
10mA
GCLK
t
co
3.032
3.267
4.626 5.016 5.551 5.384 5.694 5.135 5.671 5.540 5.771
ns
GCLK
PLL
t
co
1.230
1.404
1.810 1.895 2.096 2.111 2.116 1.996 2.200 2.219 2.107
ns
12mA
GCLK
t
co
3.028
3.264
4.628 5.019 5.554 5.387 5.697 5.138 5.676 5.545 5.776
ns
GCLK
PLL
t
co
1.226
1.401
1.808 1.894 2.099 2.111 2.116 1.996 2.205 2.224 2.108
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
t
co
3.036
3.272
4.626 5.016 5.550 5.383 5.693 5.134 5.670 5.539 5.770
ns
GCLK
PLL
t
co
1.234
1.409
1.805 1.890 2.095 2.106 2.107 1.991 2.199 2.218 2.097
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
t
co
3.051
3.287
4.650 5.043 5.566 5.410 5.709 5.160 5.686 5.555 5.786
ns
GCLK
PLL
t
co
1.256
1.431
1.836 1.922 2.119 2.139 2.144 2.021 2.222 2.241 2.133
ns
6mA
GCLK
t
co
3.045
3.280
4.646 5.039 5.568 5.406 5.711 5.157 5.689 5.558 5.789
ns
GCLK
PLL
t
co
1.244
1.421
1.832 1.918 2.115 2.135 2.140 2.018 2.219 2.238 2.130
ns
8mA
GCLK
t
co
3.041
3.276
4.640 5.033 5.563 5.400 5.706 5.151 5.683 5.552 5.783
ns
GCLK
PLL
t
co
1.240
1.416
1.826 1.912 2.109 2.129 2.134 2.012 2.213 2.232 2.124
ns
Table 1–124. EP3SE110 Row Pins Output Timing Parameters (Part 4 of 5)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com