Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 276 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 276 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 272Page - Altera Corporation EP3SE110 Datasheet HTML 273Page - Altera Corporation EP3SE110 Datasheet HTML 274Page - Altera Corporation EP3SE110 Datasheet HTML 275Page - Altera Corporation EP3SE110 Datasheet HTML 276Page - Altera Corporation EP3SE110 Datasheet HTML 277Page - Altera Corporation EP3SE110 Datasheet HTML 278Page - Altera Corporation EP3SE110 Datasheet HTML 279Page - Altera Corporation EP3SE110 Datasheet HTML 280Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 341 page
background image
1–266
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8-V
HSTL
CLASS I
4mA
GCLK
t
co
3.328
3.328
4.681
5.069
5.545
5.410
5.722
5.069
5.545
5.410
5.722
ns
GCLK
PLL
t
co
3.707
3.720
5.266
5.691
6.301
6.137
6.539
5.691
6.301
6.137
6.539
ns
6mA
GCLK
t
co
3.321
3.321
4.679
5.067
5.544
5.409
5.721
5.067
5.544
5.409
5.721
ns
GCLK
PLL
t
co
3.701
3.713
5.264
5.691
6.300
6.136
6.538
5.691
6.300
6.136
6.538
ns
8mA
GCLK
t
co
3.313
3.313
4.671
5.060
5.537
5.402
5.714
5.060
5.537
5.402
5.714
ns
GCLK
PLL
t
co
3.693
3.705
5.257
5.683
6.293
6.129
6.531
5.683
6.293
6.129
6.531
ns
10mA
GCLK
t
co
3.316
3.316
4.674
5.063
5.541
5.406
5.718
5.063
5.541
5.406
5.718
ns
GCLK
PLL
t
co
3.695
3.708
5.260
5.686
6.297
6.133
6.535
5.686
6.297
6.133
6.535
ns
12mA
GCLK
t
co
3.313
3.313
4.677
5.067
5.545
5.410
5.722
5.067
5.545
5.410
5.722
ns
GCLK
PLL
t
co
3.692
3.705
5.262
5.689
6.301
6.137
6.539
5.689
6.301
6.137
6.539
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
t
co
3.321
3.321
4.676
5.064
5.541
5.406
5.718
5.064
5.541
5.406
5.718
ns
GCLK
PLL
t
co
3.700
3.713
5.261
5.687
6.297
6.133
6.535
5.687
6.297
6.133
6.535
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
t
co
3.333
3.333
4.689
5.079
5.556
5.421
5.733
5.079
5.556
5.421
5.733
ns
GCLK
PLL
t
co
3.712
3.725
5.275
5.701
6.312
6.148
6.550
5.701
6.312
6.148
6.550
ns
6mA
GCLK
t
co
3.329
3.329
4.690
5.080
5.559
5.424
5.736
5.080
5.559
5.424
5.736
ns
GCLK
PLL
t
co
3.708
3.721
5.276
5.704
6.315
6.151
6.553
5.704
6.315
6.151
6.553
ns
8mA
GCLK
t
co
3.325
3.325
4.686
5.076
5.554
5.419
5.731
5.076
5.554
5.419
5.731
ns
GCLK
PLL
t
co
3.704
3.717
5.271
5.699
6.310
6.146
6.548
5.699
6.310
6.146
6.548
ns
10mA
GCLK
t
co
3.318
3.318
4.679
5.069
5.547
5.412
5.724
5.069
5.547
5.412
5.724
ns
GCLK
PLL
t
co
3.697
3.710
5.264
5.692
6.303
6.139
6.541
5.692
6.303
6.139
6.541
ns
12mA
GCLK
t
co
3.319
3.319
4.686
5.077
5.557
5.422
5.734
5.077
5.557
5.422
5.734
ns
GCLK
PLL
t
co
3.697
3.711
5.271
5.699
6.313
6.149
6.551
5.699
6.313
6.149
6.551
ns
1.5-V
HSTL
CLASS II
16mA
GCLK
t
co
3.317
3.317
4.667
5.055
5.531
5.396
5.708
5.055
5.531
5.396
5.708
ns
GCLK
PLL
t
co
3.695
3.709
5.252
5.677
6.287
6.123
6.525
5.677
6.287
6.123
6.525
ns
Table 1–123. EP3SE110 Column Pins Output Timing Parameters (Part 6 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
UnitS
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com