Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 275 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 275 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 271Page - Altera Corporation EP3SE110 Datasheet HTML 272Page - Altera Corporation EP3SE110 Datasheet HTML 273Page - Altera Corporation EP3SE110 Datasheet HTML 274Page - Altera Corporation EP3SE110 Datasheet HTML 275Page - Altera Corporation EP3SE110 Datasheet HTML 276Page - Altera Corporation EP3SE110 Datasheet HTML 277Page - Altera Corporation EP3SE110 Datasheet HTML 278Page - Altera Corporation EP3SE110 Datasheet HTML 279Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–265
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
SSTL-18
CLASS II
8mA
GCLK
t
co
3.321
3.321
4.681
5.070
5.547
5.412
5.724
5.070
5.547
5.412
5.724
ns
GCLK
PLL
t
co
3.701
3.713
5.266
5.693
6.303
6.139
6.541
5.693
6.303
6.139
6.541
ns
16mA
GCLK
t
co
3.324
3.324
4.689
5.079
5.559
5.424
5.736
5.079
5.559
5.424
5.736
ns
GCLK
PLL
t
co
3.703
3.716
5.274
5.702
6.315
6.151
6.553
5.702
6.315
6.151
6.553
ns
SSTL-15
CLASS I
4mA
GCLK
t
co
3.345
3.345
4.716
5.109
5.589
5.454
5.766
5.109
5.589
5.454
5.766
ns
GCLK
PLL
t
co
3.723
3.737
5.302
5.731
6.345
6.181
6.583
5.731
6.345
6.181
6.583
ns
6mA
GCLK
t
co
3.331
3.331
4.706
5.099
5.580
5.445
5.757
5.099
5.580
5.445
5.757
ns
GCLK
PLL
t
co
3.711
3.723
5.291
5.722
6.336
6.172
6.574
5.722
6.336
6.172
6.574
ns
8mA
GCLK
t
co
3.320
3.320
4.692
5.085
5.566
5.431
5.743
5.085
5.566
5.431
5.743
ns
GCLK
PLL
t
co
3.699
3.712
5.278
5.708
6.322
6.158
6.560
5.708
6.322
6.158
6.560
ns
10mA
GCLK
t
co
3.319
3.319
4.695
5.088
5.570
5.435
5.747
5.088
5.570
5.435
5.747
ns
GCLK
PLL
t
co
3.698
3.711
5.281
5.711
6.326
6.162
6.564
5.711
6.326
6.162
6.564
ns
12mA
GCLK
t
co
3.316
3.316
4.690
5.083
5.564
5.429
5.741
5.083
5.564
5.429
5.741
ns
GCLK
PLL
t
co
3.695
3.708
5.275
5.705
6.320
6.156
6.558
5.705
6.320
6.156
6.558
ns
SSTL-15
CLASS II
8mA
GCLK
t
co
3.318
3.318
4.679
5.069
5.547
5.412
5.724
5.069
5.547
5.412
5.724
ns
GCLK
PLL
t
co
3.697
3.710
5.264
5.692
6.303
6.139
6.541
5.692
6.303
6.139
6.541
ns
16mA
GCLK
t
co
3.321
3.321
4.686
5.078
5.558
5.423
5.735
5.078
5.558
5.423
5.735
ns
GCLK
PLL
t
co
3.700
3.713
5.271
5.700
6.314
6.150
6.552
5.700
6.314
6.150
6.552
ns
Table 1–123. EP3SE110 Column Pins Output Timing Parameters (Part 5 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
UnitS
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com