Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 272 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 272 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 268Page - Altera Corporation EP3SE110 Datasheet HTML 269Page - Altera Corporation EP3SE110 Datasheet HTML 270Page - Altera Corporation EP3SE110 Datasheet HTML 271Page - Altera Corporation EP3SE110 Datasheet HTML 272Page - Altera Corporation EP3SE110 Datasheet HTML 273Page - Altera Corporation EP3SE110 Datasheet HTML 274Page - Altera Corporation EP3SE110 Datasheet HTML 275Page - Altera Corporation EP3SE110 Datasheet HTML 276Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 341 page
background image
1–262
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
3.0-V
LVCMOS
4mA
GCLK
t
co
3.367
3.367
4.701
5.081
5.550
5.416
5.726
5.081
5.550
5.416
5.726
ns
GCLK
PLL
t
co
3.748
3.759
5.286
5.707
6.307
6.144
6.544
5.707
6.307
6.144
6.544
ns
8mA
GCLK
t
co
3.288
3.288
4.577
4.952
5.415
5.281
5.591
4.952
5.415
5.281
5.591
ns
GCLK
PLL
t
co
3.669
3.680
5.163
5.577
6.172
6.009
6.413
5.577
6.172
6.009
6.413
ns
12mA
GCLK
t
co
3.283
3.283
4.570
4.945
5.407
5.272
5.584
4.945
5.407
5.272
5.584
ns
GCLK
PLL
t
co
3.662
3.675
5.155
5.570
6.163
5.999
6.401
5.570
6.163
5.999
6.401
ns
16mA
GCLK
t
co
3.274
3.274
4.556
4.930
5.392
5.257
5.569
4.930
5.392
5.257
5.569
ns
GCLK
PLL
t
co
3.653
3.666
5.141
5.554
6.148
5.984
6.387
5.554
6.148
5.984
6.387
ns
2.5 V
4mA
GCLK
t
co
3.489
3.489
4.908
5.308
5.797
5.663
5.974
5.308
5.797
5.663
5.974
ns
GCLK
PLL
t
co
3.868
3.881
5.493
5.932
6.554
6.391
6.791
5.932
6.554
6.391
6.791
ns
8mA
GCLK
t
co
3.389
3.389
4.789
5.182
5.665
5.531
5.841
5.182
5.665
5.531
5.841
ns
GCLK
PLL
t
co
3.771
3.781
5.374
5.807
6.422
6.259
6.659
5.807
6.422
6.259
6.659
ns
12mA
GCLK
t
co
3.345
3.345
4.702
5.091
5.570
5.435
5.747
5.091
5.570
5.435
5.747
ns
GCLK
PLL
t
co
3.726
3.737
5.287
5.716
6.326
6.162
6.564
5.716
6.326
6.162
6.564
ns
16mA
GCLK
t
co
3.307
3.307
4.663
5.049
5.527
5.392
5.704
5.049
5.527
5.392
5.704
ns
GCLK
PLL
t
co
3.687
3.699
5.248
5.674
6.283
6.119
6.521
5.674
6.283
6.119
6.521
ns
Table 1–123. EP3SE110 Column Pins Output Timing Parameters (Part 2 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
UnitS
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com