Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 270 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 270 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 266Page - Altera Corporation EP3SE110 Datasheet HTML 267Page - Altera Corporation EP3SE110 Datasheet HTML 268Page - Altera Corporation EP3SE110 Datasheet HTML 269Page - Altera Corporation EP3SE110 Datasheet HTML 270Page - Altera Corporation EP3SE110 Datasheet HTML 271Page - Altera Corporation EP3SE110 Datasheet HTML 272Page - Altera Corporation EP3SE110 Datasheet HTML 273Page - Altera Corporation EP3SE110 Datasheet HTML 274Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 341 page
background image
1–260
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.5-V HSTL
CLASS I
GCLK
t
su
-0.877
-0.931
-1.300 -1.400 -1.506 -1.454 -1.793 -1.406 -1.513 -1.462 -1.836
ns
t
h
1.002
1.071
1.498
1.621
1.747
1.684
2.024
1.636
1.761
1.702
2.068
ns
GCLK
PLL
t
su
1.150
1.165
1.857
2.097
2.198
2.211
2.147
2.113
2.210
2.093
2.194
ns
t
h
-0.887
-0.884
-1.439 -1.631 -1.685 -1.722 -1.650 -1.638 -1.687 -1.598 -1.693
ns
1.5-V HSTL
CLASS II
GCLK
t
su
-0.877
-0.931
-1.300 -1.400 -1.506 -1.454 -1.793 -1.406 -1.513 -1.462 -1.836
ns
t
h
1.002
1.071
1.498
1.621
1.747
1.684
2.024
1.636
1.761
1.702
2.068
ns
GCLK
PLL
t
su
1.150
1.165
1.857
2.097
2.198
2.211
2.147
2.113
2.210
2.093
2.194
ns
t
h
-0.887
-0.884
-1.439 -1.631 -1.685 -1.722 -1.650 -1.638 -1.687 -1.598 -1.693
ns
1.2-V HSTL
CLASS I
GCLK
t
su
-0.868
-0.919
-1.291 -1.390 -1.490 -1.438 -1.777 -1.397 -1.497 -1.446 -1.820
ns
t
h
0.993
1.059
1.489
1.611
1.731
1.668
2.008
1.627
1.745
1.686
2.052
ns
GCLK
PLL
t
su
1.159
1.177
1.866
2.107
2.214
2.227
2.163
2.122
2.226
2.109
2.210
ns
t
h
-0.896
-0.896
-1.448 -1.641 -1.701 -1.738 -1.666 -1.647 -1.703 -1.614 -1.709
ns
1.2-V HSTL
CLASS II
GCLK
t
su
-0.868
-0.919
-1.291 -1.390 -1.490 -1.438 -1.777 -1.397 -1.497 -1.446 -1.820
ns
t
h
0.993
1.059
1.489
1.611
1.731
1.668
2.008
1.627
1.745
1.686
2.052
ns
GCLK
PLL
t
su
1.159
1.177
1.866
2.107
2.214
2.227
2.163
2.122
2.226
2.109
2.210
ns
t
h
-0.896
-0.896
-1.448 -1.641 -1.701 -1.738 -1.666 -1.647 -1.703 -1.614 -1.709
ns
3.0-V PCI
GCLK
t
su
-0.923
-0.971
-1.361 -1.477 -1.739 -1.645 -2.029 -1.487 -1.742 -1.688 -2.069
ns
t
h
1.047
1.110
1.558
1.699
1.981
1.876
2.264
1.719
1.994
1.927
2.305
ns
GCLK
PLL
t
su
1.016
0.989
1.635
1.850
1.961
1.890
1.805
1.902
1.977
1.859
1.854
ns
t
h
-0.756
-0.711
-1.221 -1.385 -1.446 -1.403 -1.306 -1.427 -1.451 -1.363 -1.352
ns
3.0-V
PCI-X
GCLK
t
su
-0.923
-0.971
-1.361 -1.477 -1.739 -1.645 -2.029 -1.487 -1.742 -1.688 -2.069
ns
t
h
1.047
1.110
1.558
1.699
1.981
1.876
2.264
1.719
1.994
1.927
2.305
ns
GCLK
PLL
t
su
1.016
0.989
1.635
1.850
1.961
1.890
1.805
1.902
1.977
1.859
1.854
ns
t
h
-0.756
-0.711
-1.221 -1.385 -1.446 -1.403 -1.306 -1.427 -1.451 -1.363 -1.352
ns
Table 1–122. EP3SE110 Row Pins Input Timing Parameters (Part 3 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com