Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 269 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 269 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 265Page - Altera Corporation EP3SE110 Datasheet HTML 266Page - Altera Corporation EP3SE110 Datasheet HTML 267Page - Altera Corporation EP3SE110 Datasheet HTML 268Page - Altera Corporation EP3SE110 Datasheet HTML 269Page - Altera Corporation EP3SE110 Datasheet HTML 270Page - Altera Corporation EP3SE110 Datasheet HTML 271Page - Altera Corporation EP3SE110 Datasheet HTML 272Page - Altera Corporation EP3SE110 Datasheet HTML 273Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–259
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.5 V
GCLK
t
su
-0.977
-1.031
-1.432 -1.538 -1.688 -1.637 -1.974 -1.545 -1.689 -1.642 -2.015
ns
t
h
1.102
1.171
1.629
1.761
1.931
1.868
2.209
1.777
1.942
1.883
2.251
ns
GCLK
PLL
t
su
1.050
1.065
1.727
1.961
2.016
2.031
1.968
1.977
2.031
1.913
2.017
ns
t
h
-0.787
-0.784
-1.310 -1.493 -1.501 -1.540 -1.467 -1.499 -1.505 -1.417 -1.512
ns
1.2 V
GCLK
t
su
-0.917
-0.978
-1.353 -1.437 -1.529 -1.478 -1.815 -1.449 -1.534 -1.487 -1.860
ns
t
h
1.042
1.118
1.550
1.660
1.772
1.709
2.050
1.681
1.787
1.728
2.096
ns
GCLK
PLL
t
su
1.110
1.118
1.806
2.062
2.175
2.190
2.127
2.073
2.186
2.068
2.172
ns
t
h
-0.847
-0.837
-1.389 -1.594 -1.660 -1.699 -1.626 -1.595 -1.660 -1.572 -1.667
ns
SSTL-2
CLASS I
GCLK
t
su
-0.854
-0.906
-1.284 -1.381 -1.534 -1.440 -1.824 -1.384 -1.535 -1.481 -1.862
ns
t
h
0.979
1.046
1.481
1.603
1.776
1.671
2.059
1.616
1.787
1.720
2.098
ns
GCLK
PLL
t
su
1.085
1.054
1.712
1.946
2.166
2.095
2.010
2.005
2.184
2.066
2.061
ns
t
h
-0.824
-0.775
-1.298 -1.481 -1.651 -1.608 -1.511 -1.530 -1.658 -1.570 -1.559
ns
SSTL-2
CLASS II
GCLK
t
su
-0.854
-0.906
-1.284 -1.381 -1.534 -1.440 -1.824 -1.384 -1.535 -1.481 -1.862
ns
t
h
0.979
1.046
1.481
1.603
1.776
1.671
2.059
1.616
1.787
1.720
2.098
ns
GCLK
PLL
t
su
1.085
1.054
1.712
1.946
2.166
2.095
2.010
2.005
2.184
2.066
2.061
ns
t
h
-0.824
-0.775
-1.298 -1.481 -1.651 -1.608 -1.511 -1.530 -1.658 -1.570 -1.559
ns
SSTL-18
CLASS I
GCLK
t
su
-0.891
-0.943
-1.315 -1.410 -1.524 -1.472 -1.811 -1.417 -1.530 -1.479 -1.853
ns
t
h
1.016
1.083
1.512
1.631
1.765
1.702
2.042
1.647
1.778
1.719
2.085
ns
GCLK
PLL
t
su
1.136
1.153
1.844
2.087
2.180
2.193
2.129
2.102
2.193
2.076
2.177
ns
t
h
-0.873
-0.872
-1.427 -1.621 -1.667 -1.704 -1.632 -1.627 -1.670 -1.581 -1.676
ns
SSTL-18
CLASS II
GCLK
t
su
-0.891
-0.943
-1.315 -1.410 -1.524 -1.472 -1.811 -1.417 -1.530 -1.479 -1.853
ns
t
h
1.016
1.083
1.512
1.631
1.765
1.702
2.042
1.647
1.778
1.719
2.085
ns
GCLK
PLL
t
su
1.136
1.153
1.844
2.087
2.180
2.193
2.129
2.102
2.193
2.076
2.177
ns
t
h
-0.873
-0.872
-1.427 -1.621 -1.667 -1.704 -1.632 -1.627 -1.670 -1.581 -1.676
ns
SSTL-15
CLASS I
GCLK
t
su
-0.877
-0.931
-1.300 -1.400 -1.506 -1.454 -1.793 -1.406 -1.513 -1.462 -1.836
ns
t
h
1.002
1.071
1.498
1.621
1.747
1.684
2.024
1.636
1.761
1.702
2.068
ns
GCLK
PLL
t
su
1.150
1.165
1.857
2.097
2.198
2.211
2.147
2.113
2.210
2.093
2.194
ns
t
h
-0.887
-0.884
-1.439 -1.631 -1.685 -1.722 -1.650 -1.638 -1.687 -1.598 -1.693
ns
1.8-V HSTL
CLASS I
GCLK
t
su
-0.891
-0.943
-1.315 -1.410 -1.524 -1.472 -1.811 -1.417 -1.530 -1.479 -1.853
ns
t
h
1.016
1.083
1.512
1.631
1.765
1.702
2.042
1.647
1.778
1.719
2.085
ns
GCLK
PLL
t
su
1.136
1.153
1.844
2.087
2.180
2.193
2.129
2.102
2.193
2.076
2.177
ns
t
h
-0.873
-0.872
-1.427 -1.621 -1.667 -1.704 -1.632 -1.627 -1.670 -1.581 -1.676
ns
1.8-V HSTL
CLASS II
GCLK
t
su
-0.891
-0.943
-1.315 -1.410 -1.524 -1.472 -1.811 -1.417 -1.530 -1.479 -1.853
ns
t
h
1.016
1.083
1.512
1.631
1.765
1.702
2.042
1.647
1.778
1.719
2.085
ns
GCLK
PLL
t
su
1.136
1.153
1.844
2.087
2.180
2.193
2.129
2.102
2.193
2.076
2.177
ns
t
h
-0.873
-0.872
-1.427 -1.621 -1.667 -1.704 -1.632 -1.627 -1.670 -1.581 -1.676
ns
Table 1–122. EP3SE110 Row Pins Input Timing Parameters (Part 2 of 3)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com