Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 267 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 267 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 263Page - Altera Corporation EP3SE110 Datasheet HTML 264Page - Altera Corporation EP3SE110 Datasheet HTML 265Page - Altera Corporation EP3SE110 Datasheet HTML 266Page - Altera Corporation EP3SE110 Datasheet HTML 267Page - Altera Corporation EP3SE110 Datasheet HTML 268Page - Altera Corporation EP3SE110 Datasheet HTML 269Page - Altera Corporation EP3SE110 Datasheet HTML 270Page - Altera Corporation EP3SE110 Datasheet HTML 271Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–257
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
SSTL-18
CLASS II
GCLK
t
su
-0.961
-0.937
-1.361
-1.508
-1.636
-1.573
-1.938
-1.508 -1.636 -1.573 -1.938
ns
t
h
1.105
1.077
1.555
1.730
1.879
1.803
2.170
1.730
1.879
1.803
2.170
ns
GCLK
PLL
t
su
-1.228
-1.198
-1.738
-1.918
-2.050
-1.974
-2.445
-1.918 -2.050 -1.974 -2.445
ns
t
h
1.533
1.498
2.169
2.406
2.579
2.475
2.965
2.406
2.579
2.475
2.965
ns
SSTL-15
CLASS I
GCLK
t
su
-0.950
-0.926
-1.350
-1.497
-1.617
-1.554
-1.919
-1.497 -1.617 -1.554 -1.919
ns
t
h
1.094
1.066
1.543
1.719
1.860
1.784
2.151
1.719
1.860
1.784
2.151
ns
GCLK
PLL
t
su
-1.217
-1.187
-1.727
-1.907
-2.031
-1.955
-2.426
-1.907 -2.031 -1.955 -2.426
ns
t
h
1.522
1.487
2.157
2.395
2.560
2.456
2.946
2.395
2.560
2.456
2.946
ns
1.8-V HSTL
CLASS I
GCLK
t
su
-0.950
-0.926
-1.350
-1.497
-1.617
-1.554
-1.919
-1.497 -1.617 -1.554 -1.919
ns
t
h
1.094
1.066
1.543
1.719
1.860
1.784
2.151
1.719
1.860
1.784
2.151
ns
GCLK
PLL
t
su
-1.217
-1.187
-1.727
-1.907
-2.031
-1.955
-2.426
-1.907 -2.031 -1.955 -2.426
ns
t
h
1.522
1.487
2.157
2.395
2.560
2.456
2.946
2.395
2.560
2.456
2.946
ns
1.8-V HSTL
CLASS II
GCLK
t
su
-0.961
-0.937
-1.361
-1.508
-1.636
-1.573
-1.938
-1.508 -1.636 -1.573 -1.938
ns
t
h
1.105
1.077
1.555
1.730
1.879
1.803
2.170
1.730
1.879
1.803
2.170
ns
GCLK
PLL
t
su
-1.228
-1.198
-1.738
-1.918
-2.050
-1.974
-2.445
-1.918 -2.050 -1.974 -2.445
ns
t
h
1.533
1.498
2.169
2.406
2.579
2.475
2.965
2.406
2.579
2.475
2.965
ns
1.5-V HSTL
CLASS I
GCLK
t
su
-0.961
-0.937
-1.361
-1.508
-1.636
-1.573
-1.938
-1.508 -1.636 -1.573 -1.938
ns
t
h
1.105
1.077
1.555
1.730
1.879
1.803
2.170
1.730
1.879
1.803
2.170
ns
GCLK
PLL
t
su
-1.228
-1.198
-1.738
-1.918
-2.050
-1.974
-2.445
-1.918 -2.050 -1.974 -2.445
ns
t
h
1.533
1.498
2.169
2.406
2.579
2.475
2.965
2.406
2.579
2.475
2.965
ns
1.5-V HSTL
CLASS II
GCLK
t
su
-0.950
-0.926
-1.350
-1.497
-1.617
-1.554
-1.919
-1.497 -1.617 -1.554 -1.919
ns
t
h
1.094
1.066
1.543
1.719
1.860
1.784
2.151
1.719
1.860
1.784
2.151
ns
GCLK
PLL
t
su
-1.217
-1.187
-1.727
-1.907
-2.031
-1.955
-2.426
-1.907 -2.031 -1.955 -2.426
ns
t
h
1.522
1.487
2.157
2.395
2.560
2.456
2.946
2.395
2.560
2.456
2.946
ns
1.2-V HSTL
CLASS I
GCLK
t
su
-0.950
-0.926
-1.350
-1.497
-1.617
-1.554
-1.919
-1.497 -1.617 -1.554 -1.919
ns
t
h
1.094
1.066
1.543
1.719
1.860
1.784
2.151
1.719
1.860
1.784
2.151
ns
GCLK
PLL
t
su
-1.217
-1.187
-1.727
-1.907
-2.031
-1.955
-2.426
-1.907 -2.031 -1.955 -2.426
ns
t
h
1.522
1.487
2.157
2.395
2.560
2.456
2.946
2.395
2.560
2.456
2.946
ns
1.2-V HSTL
CLASS II
GCLK
t
su
-0.938
-0.914
-1.340
-1.486
-1.601
-1.538
-1.903
-1.486 -1.601 -1.538 -1.903
ns
t
h
1.082
1.054
1.533
1.708
1.844
1.768
2.135
1.708
1.844
1.768
2.135
ns
GCLK
PLL
t
su
-1.205
-1.175
-1.717
-1.896
-2.015
-1.939
-2.410
-1.896 -2.015 -1.939 -2.410
ns
t
h
1.510
1.475
2.147
2.384
2.544
2.440
2.930
2.384
2.544
2.440
2.930
ns
3.0-V PCI
GCLK
t
su
-0.938
-0.914
-1.340
-1.486
-1.601
-1.538
-1.903
-1.486 -1.601 -1.538 -1.903
ns
t
h
1.082
1.054
1.533
1.708
1.844
1.768
2.135
1.708
1.844
1.768
2.135
ns
GCLK
PLL
t
su
-1.205
-1.175
-1.717
-1.896
-2.015
-1.939
-2.410
-1.896 -2.015 -1.939 -2.410
ns
t
h
1.510
1.475
2.147
2.384
2.544
2.440
2.930
2.384
2.544
2.440
2.930
ns
Table 1–121. EP3SE110 Column Pins Input Timing Parameters (Part 3 of 4)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com