Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 273 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 273 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 269Page - Altera Corporation EP3SE110 Datasheet HTML 270Page - Altera Corporation EP3SE110 Datasheet HTML 271Page - Altera Corporation EP3SE110 Datasheet HTML 272Page - Altera Corporation EP3SE110 Datasheet HTML 273Page - Altera Corporation EP3SE110 Datasheet HTML 274Page - Altera Corporation EP3SE110 Datasheet HTML 275Page - Altera Corporation EP3SE110 Datasheet HTML 276Page - Altera Corporation EP3SE110 Datasheet HTML 277Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–263
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
1.8 V
2mA
GCLK
t
co
3.680
3.680
5.229
5.668
6.202
6.067
6.379
5.668
6.202
6.067
6.379
ns
GCLK
PLL
t
co
4.059
4.072
5.815
6.291
6.958
6.794
7.196
6.291
6.958
6.794
7.196
ns
4mA
GCLK
t
co
3.499
3.499
4.950
5.359
5.854
5.720
6.030
5.359
5.854
5.720
6.030
ns
GCLK
PLL
t
co
3.881
3.891
5.536
5.984
6.611
6.448
6.848
5.984
6.611
6.448
6.848
ns
6mA
GCLK
t
co
3.417
3.417
4.843
5.244
5.744
5.609
5.921
5.244
5.744
5.609
5.921
ns
GCLK
PLL
t
co
3.796
3.809
5.429
5.868
6.500
6.336
6.738
5.868
6.500
6.336
6.738
ns
8mA
GCLK
t
co
3.397
3.397
4.785
5.190
5.678
5.543
5.855
5.190
5.678
5.543
5.855
ns
GCLK
PLL
t
co
3.776
3.789
5.370
5.814
6.434
6.270
6.672
5.814
6.434
6.270
6.672
ns
10mA
GCLK
t
co
3.334
3.334
4.724
5.115
5.597
5.462
5.774
5.115
5.597
5.462
5.774
ns
GCLK
PLL
t
co
3.713
3.726
5.309
5.740
6.353
6.189
6.591
5.740
6.353
6.189
6.591
ns
12mA
GCLK
t
co
3.316
3.316
4.703
5.094
5.574
5.439
5.751
5.094
5.574
5.439
5.751
ns
GCLK
PLL
t
co
3.696
3.708
5.289
5.719
6.330
6.166
6.568
5.719
6.330
6.166
6.568
ns
1.5 V
2mA
GCLK
t
co
3.626
3.626
5.158
5.600
6.140
6.005
6.317
5.600
6.140
6.005
6.317
ns
GCLK
PLL
t
co
4.005
4.018
5.743
6.224
6.896
6.732
7.134
6.224
6.896
6.732
7.134
ns
4mA
GCLK
t
co
3.414
3.414
4.839
5.244
5.748
5.613
5.925
5.244
5.748
5.613
5.925
ns
GCLK
PLL
t
co
3.793
3.806
5.424
5.867
6.504
6.340
6.742
5.867
6.504
6.340
6.742
ns
6mA
GCLK
t
co
3.389
3.389
4.772
5.184
5.681
5.546
5.858
5.184
5.681
5.546
5.858
ns
GCLK
PLL
t
co
3.769
3.781
5.357
5.809
6.437
6.273
6.675
5.809
6.437
6.273
6.675
ns
8mA
GCLK
t
co
3.378
3.378
4.755
5.159
5.661
5.526
5.838
5.159
5.661
5.526
5.838
ns
GCLK
PLL
t
co
3.757
3.770
5.340
5.784
6.417
6.253
6.655
5.784
6.417
6.253
6.655
ns
10mA
GCLK
t
co
3.323
3.323
4.717
5.108
5.591
5.456
5.768
5.108
5.591
5.456
5.768
ns
GCLK
PLL
t
co
3.702
3.715
5.302
5.733
6.347
6.183
6.585
5.733
6.347
6.183
6.585
ns
12mA
GCLK
t
co
3.318
3.318
4.700
5.097
5.580
5.445
5.757
5.097
5.580
5.445
5.757
ns
GCLK
PLL
t
co
3.696
3.710
5.286
5.720
6.336
6.172
6.574
5.720
6.336
6.172
6.574
ns
Table 1–123. EP3SE110 Column Pins Output Timing Parameters (Part 3 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
UnitS
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com