Electronic Components Datasheet Search
  English  ▼

X  

EP3SE110 Datasheet(PDF) 321 Page - Altera Corporation

Part # EP3SE110
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE110 Datasheet(HTML) 321 Page - Altera Corporation

Back Button EP3SE110 Datasheet HTML 317Page - Altera Corporation EP3SE110 Datasheet HTML 318Page - Altera Corporation EP3SE110 Datasheet HTML 319Page - Altera Corporation EP3SE110 Datasheet HTML 320Page - Altera Corporation EP3SE110 Datasheet HTML 321Page - Altera Corporation EP3SE110 Datasheet HTML 322Page - Altera Corporation EP3SE110 Datasheet HTML 323Page - Altera Corporation EP3SE110 Datasheet HTML 324Page - Altera Corporation EP3SE110 Datasheet HTML 325Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–311
I/O Timing
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
Table 1–146 and Table 1–147 list the periphery clock timing parameters for EP3SL50
devices.
t
PLLCIN
-0.019
-0.025
-0.264
-0.315
-0.256
-0.236
-0.017
-0.315
0.224
-0.236
-0.017
ns
t
PLLCOUT
-0.019
-0.025
-0.264
-0.315
-0.256
-0.236
-0.017
-0.315
0.224
-0.236
-0.017
ns
Table 1–144. EP3SL50 Column Pin Regional Clock Timing Specifications (Part 2 of 2)
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
Table 1–145. EP3SL50 Row Pin Regional Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.636
1.729
2.356
2.567
2.894
2.800
2.964
2.622
2.941
2.853
2.997
ns
t
COUT
1.554
1.638
2.214
2.404
2.713
2.629
2.805
2.452
2.752
2.674
2.838
ns
t
PLLCIN
0.018
0.084
-0.178
-0.255
-0.222
-0.169
-0.226
-0.203
0.298
-0.123
-0.272
ns
t
PLLCOUT
-0.064
-0.007
-0.320
-0.418
-0.403
-0.340
-0.385
-0.373
0.109
-0.302
-0.431
ns
Table 1–146. EP3SL50 Column Pin Periphery Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.468
1.469
2.143
2.418
2.797
2.668
3.219
2.418
2.801
2.668
3.219
ns
t
COUT
1.468
1.469
2.143
2.418
2.797
2.668
3.219
2.418
2.801
2.668
3.219
ns
t
PLLCIN
-0.081
-0.081
-0.327
-0.383
-0.334
-0.310
-0.105
-0.383
0.273
-0.310
-0.105
ns
t
PLLCOUT
-0.081
-0.081
-0.327
-0.383
-0.334
-0.310
-0.105
-0.383
0.273
-0.310
-0.105
ns
Table 1–147. EP3SL50 Row Pin Periphery Clock Timing Specifications
Parameter
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
t
CIN
1.482
1.556
2.223
2.488
2.859
2.740
3.034
2.539
2.897
2.785
3.056
ns
t
COUT
1.400
1.465
2.078
2.325
2.678
2.569
2.875
2.369
2.708
2.606
2.897
ns
t
PLLCIN
-0.014
0.042
-0.222
-0.299
-0.278
-0.224
-0.295
-0.256
0.368
-0.177
-0.257
ns
t
PLLCOUT
-0.096
-0.049
-0.364
-0.462
-0.459
-0.395
-0.454
-0.426
0.179
-0.356
-0.416
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com