Electronic Components Datasheet Search
  English  ▼

X  

IR3894 Datasheet(PDF) 21 Page - International Rectifier

Part # IR3894
Description  12A Highly Integrated SupIRBuck Single?륤nput Voltage
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3894 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3894 Datasheet HTML 17Page - International Rectifier IR3894 Datasheet HTML 18Page - International Rectifier IR3894 Datasheet HTML 19Page - International Rectifier IR3894 Datasheet HTML 20Page - International Rectifier IR3894 Datasheet HTML 21Page - International Rectifier IR3894 Datasheet HTML 22Page - International Rectifier IR3894 Datasheet HTML 23Page - International Rectifier IR3894 Datasheet HTML 24Page - International Rectifier IR3894 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
- 21 -`
JANUARY 18, 2013 | DATA SHEET |    Rev 3.4
21
IR3894 
12A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97745
half of peak to peak inductor ripple current. The current 
limit point will be a function of the inductor value, input 
,output voltage and the frequency of operation. 
(2)
2
OCP
LIMIT
I
II

 
IOCP= DC current limit hiccup point 
ILIMIT= Current limit Valley Point 
ΔI=Inductor ripple current 
 
 
 
Figure 8: Timing Diagram for   
Current Limit Hiccup 
THERMAL SHUTDOWN 
Temperature sensing is provided inside IR3894. The trip 
threshold is typically set to 145
oC. When trip threshold is 
exceeded, thermal shutdown turns off both MOSFETs and 
resets the internal soft start. 
Automatic restart is initiated when the sensed 
temperature drops within the operating range. There is  
a 20
oC hysteresis in the thermal shutdown threshold. 
EXTERNAL SYNCHRONIZATION 
IR3894 incorporates an internal phase lock loop (PLL) 
circuit which enables synchronization of the internal 
oscillator to an external clock. This function is important to 
avoid sub‐harmonic oscillations due to beat frequency for 
embedded systems when multiple point‐of‐load (POL) 
regulators are used. A multi‐function pin, Rt/Sync, is used 
to connect the external clock. If the external clock is 
present before the converter turns on, Rt/Sync pin can be 
connected to the external clock signal solely and no other 
resistor is needed. If the external clock is applied after the 
converter turns on, or the converter switching frequency 
needs to toggle between the external clock frequency and 
the internal free‐running frequency, an external resistor 
from Rt/Sync pin to Gnd is required to set the free‐running 
frequency.  
When an external clock is applied to Rt/Sync pin after the 
converter runs in steady state with its free‐running 
frequency, a transition from the free‐running frequency to 
the external clock frequency will happen. This transition is 
to gradually make the actual switching frequency equal to  
the external clock frequency, no matter which one is 
higher. On the contrary, when the external clock signal is 
removed from Rt/Sync pin, the switching frequency is also 
changed to free‐running gradually. In order to minimize 
the impact from these transitions to output voltage, a 
diode is recommended to add between the external clock 
and Rt/Sync pin, as shown in Figure 9a. Figure 9b shows 
the timing diagram of these transitions. 
 
 
 Figure 9a: Configuration of External Synchronization 
SW
SYNC
...
...
Fs1
Fs2
Fs1
Free Running
Frequency
Synchronize to the
external clock
Return to free-
running freq
Figure 9b: Timing Diagram for Synchronization  
to the external clock (Fs1>Fs2 or Fs1<Fs2)
  
An internal circuit is used to change the PWM ramp slope 
according to the clock frequency applied on Rt/Sync pin. 
Even though the frequency of the external synchronization 
clock can vary in a wide range, the PLL circuit will make 
sure that the ramp amplitude is kept constant, requiring no 
adjustment of the loop compensation. Vin variation also 
affects the ramp amplitude, which will be discussed 
separately in Feed‐Forward section. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com