Electronic Components Datasheet Search
  English  ▼

X  

IR3894 Datasheet(PDF) 13 Page - International Rectifier

Part # IR3894
Description  12A Highly Integrated SupIRBuck Single?륤nput Voltage
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3894 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3894 Datasheet HTML 9Page - International Rectifier IR3894 Datasheet HTML 10Page - International Rectifier IR3894 Datasheet HTML 11Page - International Rectifier IR3894 Datasheet HTML 12Page - International Rectifier IR3894 Datasheet HTML 13Page - International Rectifier IR3894 Datasheet HTML 14Page - International Rectifier IR3894 Datasheet HTML 15Page - International Rectifier IR3894 Datasheet HTML 16Page - International Rectifier IR3894 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
- 13 -`
JANUARY 18, 2013 | DATA SHEET |    Rev 3.4
13
IR3894 
12A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97745
THERMAL DERATING CURVES 
Measurement done on Evaluation board of IRDC3894.PCB is 4 layer board with 2 oz Copper, FR4 material, size 2.23"x2" 
 
PVin = 12V, Vout=1.2V, Vcc = Internal LDO (6.4V), Fs = 600kHz 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
PVin = 12V, Vout=3.3V, Vcc = Internal LDO (6.4V), Fs = 600kHz 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com