Electronic Components Datasheet Search
  English  ▼

X  

IR3894 Datasheet(PDF) 34 Page - International Rectifier

Part # IR3894
Description  12A Highly Integrated SupIRBuck Single?륤nput Voltage
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3894 Datasheet(HTML) 34 Page - International Rectifier

Back Button IR3894 Datasheet HTML 30Page - International Rectifier IR3894 Datasheet HTML 31Page - International Rectifier IR3894 Datasheet HTML 32Page - International Rectifier IR3894 Datasheet HTML 33Page - International Rectifier IR3894 Datasheet HTML 34Page - International Rectifier IR3894 Datasheet HTML 35Page - International Rectifier IR3894 Datasheet HTML 36Page - International Rectifier IR3894 Datasheet HTML 37Page - International Rectifier IR3894 Datasheet HTML 38Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
- 34 -`
JANUARY 18, 2013 | DATA SHEET |    Rev 3.4
34
IR3894 
12A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97745
APPLICATION DIAGRAM 
 
 
Figure 28: Application Circuit for a 12V to 1.2V, 12A Point of Load Converter 
 
Suggested bill of materials for the application circuit 
Part
Reference
Qty
Value
Description
Manufacturer
Part Number
Cin
1
330uF
SMD Electrolytic F size 25V
20%
Panasonic
EEV-FK1E331P
4
10uF
1206, 25V, X5R, 20%
TDK
C3216X5R1E106M
C1 C5 C6
3
0.1uF
0603, 25V, X7R, 10%
Murata
GRM188R71E104KA01B
Cref
1
100pF
0603,50V,NP0, 5%
Murata
GRM1885C1H101JA01D
C4
1
2200pF
0603,50V,X7R
Murata
GRM188R71H222KA01B
C2
1
220pF
0603, 50V, NP0, 5%
Murata
GRM1885C1H221JA01D
Co
8
22uF
0805, 6.3V, X5R, 20%
TDK
C2012X5R0J226M
CVcc
1
2.2uF
0603, 16V, X5R, 20%
TDK
C1608X5R1C225M
C3
1
10nF
0603, 25V, X7R, 10%
Murata
GRM188R71E103KA01J
Cvin
1
1.0uF
0603, 25V, X5R, 10%
Murata
GRM188R61E105KA12D
Lo
1
0.51uH
SMD 11.0x7.2x7.5mm, 0.29mΩ
Vitec
59PR9876N
R3
1
1.82K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF1821V
R5 R7
2
4.02K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF4021V
R6 R8
2
2.87K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF2871V
R4
1
100
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF1000V
Rt
1
39.2K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF3922V
R1 Rpg
2
49.9K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF4992V
R2
1
7.5K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF7551V
U1
1
IR3894
PQFN 5x6mm
IR
IR3894MPBF
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com