Electronic Components Datasheet Search
  English  ▼

X  

IR3894 Datasheet(PDF) 39 Page - International Rectifier

Part # IR3894
Description  12A Highly Integrated SupIRBuck Single?륤nput Voltage
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3894 Datasheet(HTML) 39 Page - International Rectifier

Back Button IR3894 Datasheet HTML 35Page - International Rectifier IR3894 Datasheet HTML 36Page - International Rectifier IR3894 Datasheet HTML 37Page - International Rectifier IR3894 Datasheet HTML 38Page - International Rectifier IR3894 Datasheet HTML 39Page - International Rectifier IR3894 Datasheet HTML 40Page - International Rectifier IR3894 Datasheet HTML 41Page - International Rectifier IR3894 Datasheet HTML 42Page - International Rectifier IR3894 Datasheet HTML 43Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
- 39 -`
JANUARY 18, 2013 | DATA SHEET |    Rev 3.4
39
IR3894 
12A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97745
TYPICAL OPERATING WAVEFORMS 
Vin = 12V, Vo = 1.2V, Iout = 0‐12A, Room Temperature, No Air Flow  
 
Figure 45: Bode Plot at 12A load shows a bandwidth of 99.9kHz and phase margin of 55.2° 
 
Figure 46: Thermal Image of the Board at 12A Load,  
Test Point 1 is IR3894,  
Test Point 2 is inductor 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com