Electronic Components Datasheet Search
  English  ▼

X  

TLV5636CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5636CD
Description  2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5636CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV5636CD Datasheet HTML 3Page - Texas Instruments TLV5636CD Datasheet HTML 4Page - Texas Instruments TLV5636CD Datasheet HTML 5Page - Texas Instruments TLV5636CD Datasheet HTML 6Page - Texas Instruments TLV5636CD Datasheet HTML 7Page - Texas Instruments TLV5636CD Datasheet HTML 8Page - Texas Instruments TLV5636CD Datasheet HTML 9Page - Texas Instruments TLV5636CD Datasheet HTML 10Page - Texas Instruments TLV5636CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
2.0685
2.0675
2.067
2.066
0
0.5
1
1.5
2
2.5
3
2.07
2.0705
Source Current − mA
2.071
3.5
4
2.0695
2.0698
2.068
2.0665
Slow
Fast
VDD = 3 V, REF = Int. 1 V, Input Code = 4095
VDD = 5 V, REF = Int. 2 V, Input Code = 4095
4.132
4.131
4.13
4.129
0
0.5
1
1.5
2
2.5
3
4.133
4.134
Source Current − mA
4.135
3.5
4
Slow
Fast
VDD = 3 V, REF = Int. 1 V,
Input Code = 0
Slow
Fast
1.5
1
0.5
0
0
0.5
1
1.5
2
2.5
3
2
2.5
Sink Current − mA
3
3.5
4
VDD = 5 V, REF = Int. 2 V,
Input Code = 0
Slow
Fast
3.5
2
1
0
0
0.5
1
1.5
2
2.5
3
4
4.5
Sink Current − mA
5
3.5
4
3
2.5
1.5
0.5
TLV5636
SLAS223C – JUNE 1999 – REVISED APRIL 2004
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 2.
Figure 3.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 4.
Figure 5.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com