Electronic Components Datasheet Search
  English  ▼

X  

TLV5636CD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5636CD
Description  2.7-V TO 5.5-V, LOW POWER, 12-BIT, DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5636CD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV5636CD Datasheet HTML 5Page - Texas Instruments TLV5636CD Datasheet HTML 6Page - Texas Instruments TLV5636CD Datasheet HTML 7Page - Texas Instruments TLV5636CD Datasheet HTML 8Page - Texas Instruments TLV5636CD Datasheet HTML 9Page - Texas Instruments TLV5636CD Datasheet HTML 10Page - Texas Instruments TLV5636CD Datasheet HTML 11Page - Texas Instruments TLV5636CD Datasheet HTML 12Page - Texas Instruments TLV5636CD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
−40
−50
−80
−100
100
1000
−20
−10
f − Frequency − Hz
0
10000
100000
−30
−60
−70
−90
Fast Mode
Slow Mode
VDD = 5 V
Vref = 1 V dc + 1 V p/p Sine Wave
Output Full Scale
Digital Input Code
1
0.5
0
−0.5
−1
0
1024
2048
3072
4096
TLV5636
SLAS223C – JUNE 1999 – REVISED APRIL 2004
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
Figure 10.
DIFFERENTIAL NONLINEARITY
vs
DIGITAL INPUT CODE
Figure 11.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com