Electronic Components Datasheet Search
  English  ▼

X  

TPL5000 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5000
Description  TPL5000 Nano Power Programmable Timer with Watchdog Functionality
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL5000 Datasheet(HTML) 4 Page - Texas Instruments

  TPL5000 Datasheet HTML 1Page - Texas Instruments TPL5000 Datasheet HTML 2Page - Texas Instruments TPL5000 Datasheet HTML 3Page - Texas Instruments TPL5000 Datasheet HTML 4Page - Texas Instruments TPL5000 Datasheet HTML 5Page - Texas Instruments TPL5000 Datasheet HTML 6Page - Texas Instruments TPL5000 Datasheet HTML 7Page - Texas Instruments TPL5000 Datasheet HTML 8Page - Texas Instruments TPL5000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TPL5000
SNAS628A – JULY 2013 – REVISED JULY 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
Supply Voltage
-0.3
6.0
V
Input Voltage(3)
-0.3
VDD + 0.3
V
Voltage between any two pins
VDD + 0.3
V
Input Current on any pin
-5
+5
mA
Operating Temperature, TA
-40
105
°C
Storage Temperature, Tstg
-65
150
°C
Junction Temperature, TJ(4)
150
°C
ESD Rating
Human Body Model(5)
1000
V
Charged Device Model
250
V
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Exposure to absolute-maximum-rated conditions
for extended periods may affect device reliability. Operating Ratings are conditions under which operation of the device is intended to be
functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
All voltages referenced to ground unless otherwise noted.
(3)
When the input voltage (VIN) at any pin exceeds the power supply (VDD), the current on that pin must not exceed 5mA and must not
exceed 6.0V.
(4)
The maximum power dissipation is a function of TJ(MAX), θJA, and the ambient temperature, TA. The maximum allowable power
dissipation at any ambient temperature is PDMAX = (TJ(MAX) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC
board.
(5)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Thermal Characteristics
UNIT
θJA
Package thermal impedance(1)(2)
196.8
°C/W
(1)
The maximum power dissipation is a function of TJ(MAX), θJA, and the ambient temperature, TA. The maximum allowable power
dissipation at any ambient temperature is PDMAX = (TJ(MAX) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC
board.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
Recommended Operating Ratings
MIN
MAX
UNIT
Supply Voltage (VDD-GND)
1.8
5.0
V
Temperature Range
-40
105
°C
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPL5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com