Electronic Components Datasheet Search
  English  ▼

X  

TPL5000 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5000
Description  TPL5000 Nano Power Programmable Timer with Watchdog Functionality
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL5000 Datasheet(HTML) 1 Page - Texas Instruments

  TPL5000 Datasheet HTML 1Page - Texas Instruments TPL5000 Datasheet HTML 2Page - Texas Instruments TPL5000 Datasheet HTML 3Page - Texas Instruments TPL5000 Datasheet HTML 4Page - Texas Instruments TPL5000 Datasheet HTML 5Page - Texas Instruments TPL5000 Datasheet HTML 6Page - Texas Instruments TPL5000 Datasheet HTML 7Page - Texas Instruments TPL5000 Datasheet HTML 8Page - Texas Instruments TPL5000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
D0
D1
TPL5000
D2
VDD
PGOOD
RSTn
WAKE
TCAL
GND
DONE
VIN
POWER MANAGEMENT
VOUT VBAT_OK
GND
Rp
100k
RST
µC
GPIO
GPIO
VDD
GPIO
GND
TPL5000
www.ti.com
SNAS628A – JULY 2013 – REVISED JULY 2013
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
Check for Samples: TPL5000
1
FEATURES
DESCRIPTION
The TPL5000 is a long-term timer IC optimized for
•
Supply Voltage from1.8V to 5.0V
low power applications. The TPL5000 can replace a
•
Current Consumption 30nA (typ, at 2.5V)
micro controller's (µC) internal timer, allowing the µC
•
Watchdog Functionality
to stay in low power sleep mode instead of running a
timer, providing a total power consumption reduction
•
Reset Functionality
of 60 to 80%. The TPL5000 is designed for use in
•
Selectable Timer Intervals 1s to 64s
interrupt-driven applications and provides selectable
timing from 1 second to 64 seconds. Some Standards
APPLICATIONS
(i.e. EN50271) require implementation of a watchdog
function
for
safety.
The
TPL5000
realizes
this
•
Battery powered systems
watchdog
function
without
consuming
additional
•
Energy harvesting systems
power. The TPL5000 can also monitor a battery
•
Remote data-logger
management IC via a power-good digital input and
reset the µC if necessary. The device is packaged in
•
Sensor node
a 10-pin VSSOP package.
•
Building automation
•
Consumer electronic
•
Low power wireless
•
Safety and security platforms
Simplified Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPL5000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
Nano-Power Programmable Timer
TPL5000 TI2-TPL5000 Datasheet
608Kb / 22P
TPL5000 Nano-Power Programmable Timer with Watchdog Functionality
REVISED DECEMBER 2014
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000DGSR TI2-TPL5000DGSR Datasheet
608Kb / 22P
TPL5000 Nano-Power Programmable Timer with Watchdog Functionality
REVISED DECEMBER 2014
TPL5000DGSR.A TI2-TPL5000DGSR.A Datasheet
608Kb / 22P
TPL5000 Nano-Power Programmable Timer with Watchdog Functionality
REVISED DECEMBER 2014
More results

Similar Description - TPL5000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5100 TI-TPL5100 Datasheet
748Kb / 14P
TPL5100 Nano Power Programmable Timer with MOS driver
TPL5000DGSR TI1-TPL5000DGSR Datasheet
719Kb / 15P
TPL5000 Nano Power Programmable Timer with Watchdog Functionality
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
Nano-Power Programmable Timer
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
Nano-Power Programmable Timer
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
TPL5010 Nano-power System Timer with Watchdog Function
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
AEC-Q100 Nano-Power System Timer with Watchdog Function
logo
STMicroelectronics
SPC560P34L1 STMICROELECTRONICS-SPC560P34L1 Datasheet
830Kb / 103P
Programmable watchdog timer
18-Sep-2013
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
Window Watchdog Timer with Programmable Reset Delay
TPS3431 TI1-TPS3431 Datasheet
1Mb / 30P
Standard Programmable Watchdog Timer with Enable
TPS3431-Q1 TI1-TPS3431-Q1 Datasheet
944Kb / 28P
Automotive Standard Programmable Watchdog Timer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com