Electronic Components Datasheet Search
  English  ▼

X  

TPL5000 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5000
Description  TPL5000 Nano Power Programmable Timer with Watchdog Functionality
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL5000 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPL5000 Datasheet HTML 6Page - Texas Instruments TPL5000 Datasheet HTML 7Page - Texas Instruments TPL5000 Datasheet HTML 8Page - Texas Instruments TPL5000 Datasheet HTML 9Page - Texas Instruments TPL5000 Datasheet HTML 10Page - Texas Instruments TPL5000 Datasheet HTML 11Page - Texas Instruments TPL5000 Datasheet HTML 12Page - Texas Instruments TPL5000 Datasheet HTML 13Page - Texas Instruments TPL5000 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
RSTn
TCAL
WAKE
DONE
TIMER
PGOOD
tC
t
TPL5000
SNAS628A – JULY 2013 – REVISED JULY 2013
www.ti.com
Figure 5 shows the supervisor feature of the TPL5000. The sequence F, G is a standard sequence where the µC
is in deep sleep and a voltage supply drop occurs (which is highlighted by the PGOOD high to low transition).
When PGOOD is high again, a reset pulse at the end of the delay period is sent to the µC (arrow F), then the µC
executes its routine (memory has been reloaded upon reset) and sends the "DONE" signal.
Figure 5. Watchdog and Supervisor Feature
Calibration Pulse
The TPL5000 is based on a ultra-low power oscillator which has a relatively low frequency and low accuracy;
however, it shows very good cycle to cycle repeatability and very low temperature drift. In most of the
applications, the accuracy of the oscillator is enough, but if a more accurate measure of the delay period is
required, it is possible to measure the base period of the internal oscillator. A single pulse, which has the same
duration as the base period of the internal oscillator, is present at the TCAL pin of the TPL5000. This pulse starts
after a half period of the internal oscillator from either the falling edge of the RESET pulse, or the rising edge of
the WAKE pulse.
A µC connected to the TPL5000 can routinely measure the width of the TCAL pulse using a counter and an
external crystal. Once the base period of the TPL5000 is measured, the actual time delay is calculated by
multiplying the measured period by a factor, N (see Table 2), dependent on the nominal selected time delay.
The resolution and the accuracy of the measurement depend on the external crystal. Since the frequency of the
internal oscillator of the TPL5000 is very stable, the measurement of the calibration pulse is suggested only when
a high gradient of ambient temperature is observed. The measurement of the TCAL pulse is useful in battery-
powered applications that implement a precise battery life counter in the µC.
Different Utilizations of the TPL5000
When either the watchdog or the supervisor feature of the TPL5000 are not required, it is possible to disable
them reducing the interconnections between the TPL5000 and the µC.
Connecting the DONE pin either to GND or to TCAL pin disables the watchdog feature. If connected to GND, the
TPL5000 only sends a reset pulse when the time delay elapses. If DONE is connected to TCAL, the TPL5000
sends out just one RESET pulse after a PGOOD low to high transition, when the time delay elapses and then
WAKE pulses when the successive time delay elapses.
Connecting the PGOOD pin to the supply pin of the TPL5000 disables the supervisor feature.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPL5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com