Electronic Components Datasheet Search
  English  ▼

X  

FX033 Datasheet(PDF) 4 Page - Texas Instruments

Part # FX033
Description  22-V Input, 8-A or 10-A Converter With Integrated FET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FX033 Datasheet(HTML) 4 Page - Texas Instruments

  FX033 Datasheet HTML 1Page - Texas Instruments FX033 Datasheet HTML 2Page - Texas Instruments FX033 Datasheet HTML 3Page - Texas Instruments FX033 Datasheet HTML 4Page - Texas Instruments FX033 Datasheet HTML 5Page - Texas Instruments FX033 Datasheet HTML 6Page - Texas Instruments FX033 Datasheet HTML 7Page - Texas Instruments FX033 Datasheet HTML 8Page - Texas Instruments FX033 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TPS51363
SLUSBB5A – FEBRUARY 2013 – REVISED JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VIN = 12 V, VV5 = 5 V, MODE = GND, VEN = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IV5
V5 supply current
TA=25°C, No load, VEN = 5 V
560
μA
IV5SDN
V5 shutdown current
TA=25°C, No load, VEN = 0 V
1
μA
VREF OUTPUT
IVREF = 30 µA, w.r.t. GSNS
2
V
VVREF
Reference voltage
0 µA
≤ IVREF ≤ 300 µA, -10°C ≤ TA ≤ 85°C
-1.0%
1.0%
IVREF(OCL)
Current limit
(VVREF–VGSNS) = 1.7 V
0.4
1
mA
VOLTAGE AMPLIFIER
IVSNS
VSNS input current
VVSNS = 1 V
-1
1
μA
IVSNS(DIS)
VSNS discharge current
VEN = 0 V, VVSNS = 0.5 V
12
mA
SWITCH TIMING
tOFF(min)
Minimum off-time
320
ns
tDEAD1
Deadtime1(1)
SW rising to falling
35
ns
tDEAD2
Deadtime2(1)
SW falling to rising
10
ns
INTERNAL BOOT STRAP SW
VFBST
Forward foltage
VV5 - BST, TA = 25°C, IF = 10 mA
0.1
0.2
V
IBST
BST leakage current
TA = 25°C, VBST = 14 V, VSW = 7 V
0.01
1.5
μA
MOSFET ON-RESISTANCE
RDS(on)H
High-side on-resistance
TA = 25°C, VV5 = 5 V
20
m
Ω
RDS(on)L
Low-side on-resistance
TA = 25°C, VV5 = 5 V
10
m
Ω
LOGIC THRESHOLD
VMODE(TH)
MODE threshold voltage
MODE = Float
2.5
V
VLL
EN low-level voltage
0.35
V
VLH
EN high-level voltage
0.9
V
VL(HYST)
EN hysteresis voltage
0.25
V
VL(LK)
EN input leakage current
-1
0
1
μA
SOFT-START
ISS
Soft-Start current
Soft-start current source
10
μA
PGOOD COMPARATOR
VPGTH
PGOOD threshold
PGOOD in from lower (startup)
92%
IPG
PGOOD sink current
VPGOOD = 0.5V
6
mA
tPG(CMPSS)
PGOOD start-up delay
PGOOD comparator startup delay
1.5
ms
IPG(LK)
PGOOD leakage current
-1
0
1
μA
(1)
Ensured by design.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com