Electronic Components Datasheet Search
  English  ▼

X  

FX033 Datasheet(PDF) 23 Page - Texas Instruments

Part # FX033
Description  22-V Input, 8-A or 10-A Converter With Integrated FET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FX033 Datasheet(HTML) 23 Page - Texas Instruments

Back Button FX033 Datasheet HTML 19Page - Texas Instruments FX033 Datasheet HTML 20Page - Texas Instruments FX033 Datasheet HTML 21Page - Texas Instruments FX033 Datasheet HTML 22Page - Texas Instruments FX033 Datasheet HTML 23Page - Texas Instruments FX033 Datasheet HTML 24Page - Texas Instruments FX033 Datasheet HTML 25Page - Texas Instruments FX033 Datasheet HTML 26Page - Texas Instruments FX033 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
TPS51363
UDG-13018
1
2
3
4
5
6
7
8
9
0.1 mF
1 mH
270 mF
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PGND
PGND
PGND
PGND
PGND
SW
SW
SW
SW
NC
MODE
NU
PGOOD
BST
REFIN2
REFIN
VREF
NU
EN
VIN
VIN
VIN
V5
TRIP
SLEW
VSNS
GSNS
GND
10 nF
2.2 mF
0.1 F
μ
EN
PGOOD
GSNS
VSNS
VIN
VOUT
1.35 V
7.4 V
to
20 V
V5
5V
x 10 mF
4
0.1 mF
TPS51363
www.ti.com
SLUSBB5A – FEBRUARY 2013 – REVISED JUNE 2013
Design 2:
This design is a DDR3L, VDDQ, application with an output voltage of 1.35 V, maximum processor current
(ICC(max)) of 8 A, an OCL of 12 A, and a switching frequency of 400 kHz.
Figure 33. Design 2: Application Schematic
Table 6. Design 2: List of Materials
REFERENCE
QTY
SPECIFICATION
MANUFACTURER
PART NUMBER
DESIGNATOR
CIN
4
10 µF, 25 V
Taiyo Yuden
TMK325BJ106MM
COUT
1
270 µF, 2 V
Panasonic
2TPSF270M6E
LOUT
1
1 µH, 6.7 m
Ω
Cyntec
PIMB063T-1R0MS-63
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TPS51363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com