Electronic Components Datasheet Search
  English  ▼

X  

FX033 Datasheet(PDF) 11 Page - Texas Instruments

Part # FX033
Description  22-V Input, 8-A or 10-A Converter With Integrated FET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FX033 Datasheet(HTML) 11 Page - Texas Instruments

Back Button FX033 Datasheet HTML 7Page - Texas Instruments FX033 Datasheet HTML 8Page - Texas Instruments FX033 Datasheet HTML 9Page - Texas Instruments FX033 Datasheet HTML 10Page - Texas Instruments FX033 Datasheet HTML 11Page - Texas Instruments FX033 Datasheet HTML 12Page - Texas Instruments FX033 Datasheet HTML 13Page - Texas Instruments FX033 Datasheet HTML 14Page - Texas Instruments FX033 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
1k
10k
100k
1M
−80
−60
−40
−20
0
20
40
60
80
−90
−45
0
45
90
135
180
225
270
Frequency (Hz)
Gain
Phase
Power Stage Design = 1µH + 6
× 22µF
fSW = 400kHz
IOUT = 8A
TA = 25°C
VIN = 12V
VOUT = 1.35V
G015
1k
10k
100k
1M
−80
−60
−40
−20
0
20
40
60
80
−90
−45
0
45
90
135
180
225
270
Frequency (Hz)
Gain
Phase
Power Stage Design = 0.33µH + 6
× 22µF
fSW = 800kHz
IOUT = 8A
TA = 25°C
VIN = 12V
VOUT = 1.35V
G016
1k
10k
100k
1M
−80
−60
−40
−20
0
20
40
60
80
−90
−45
0
45
90
135
180
225
270
Frequency (Hz)
Gain
Phase
Power Stage Design = 1µH + 6
× 22µF
fSW = 400kHz
IOUT = 8A
TA = 25°C
VIN = 12V
VOUT = 1.05V
G013
1k
10k
100k
1M
−80
−60
−40
−20
0
20
40
60
80
−90
−45
0
45
90
135
180
225
270
Frequency (Hz)
Gain
Phase
Power Stage Design = 0.33µH + 6
× 22µF
fSW = 800kHz
IOUT = 8A
TA = 25°C
VIN = 12V
VOUT = 1.05V
G014
TPS51363
www.ti.com
SLUSBB5A – FEBRUARY 2013 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS (continued)
GAIN and PHASE
GAIN and PHASE
vs
vs
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
GAIN and PHASE
GAIN and PHASE
vs
vs
FREQUENCY
FREQUENCY
Figure 15.
Figure 16.
OUTPUT VOLTAGE RIPPLE
OUTPUT VOLTAGE RIPPLE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 17. f = 400kHz, VIN = 20V, IOUT = 0.1A
Figure 18. f = 400kHz, VIN = 20V, IOUT = 8A
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS51363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com