Electronic Components Datasheet Search
  English  ▼

X  

FX033 Datasheet(PDF) 21 Page - Texas Instruments

Part # FX033
Description  22-V Input, 8-A or 10-A Converter With Integrated FET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FX033 Datasheet(HTML) 21 Page - Texas Instruments

Back Button FX033 Datasheet HTML 17Page - Texas Instruments FX033 Datasheet HTML 18Page - Texas Instruments FX033 Datasheet HTML 19Page - Texas Instruments FX033 Datasheet HTML 20Page - Texas Instruments FX033 Datasheet HTML 21Page - Texas Instruments FX033 Datasheet HTML 22Page - Texas Instruments FX033 Datasheet HTML 23Page - Texas Instruments FX033 Datasheet HTML 24Page - Texas Instruments FX033 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
PGND
NU
REFIN 2
REFIN
1
2
3
4
5
6
7
8
9
2
3
2
2
2
1
2
0
1
9
1
8
1
7
1
6
1
5
PGND
PGND
PGND
PGND
EN
VREF
TPS51363
www.ti.com
SLUSBB5A – FEBRUARY 2013 – REVISED JUNE 2013
Figure 31. TPS51363 Design Layout
Input capacitors, output capacitors, and the output inductor are the power components and should be placed on
one side of the PCB. Small signal components can be placed on the same side of the PCB with proper ground
isolation or the opposite side with at least one inner ground plane in between, depending on the
system/motherboard design requirement.
All sensitive analog traces and components such as VSNS, GSNS, SLEW, VREF, REFIN and REFIN2 should be
placed away from the high voltage switching node, such as SW and BST to avoid switching noise coupling. Use
internal layer(s) as ground plane(s) and shield feedback traces from power traces.
VSNS can be connected directly to the output voltage sense point at the load device or the bulk capacitor at the
converter side. Connect GSNS to ground return at the general ground plane/layer. VSNS and GSNS can be
used for the purpose of remote sensing across the load device, however, ensure to minimize the routing trace
length to prevent excess noise injection into the sense lines.
In order to effectively remove heat from the package, prepare the thermal land and solder to the package thermal
pad. Wide trace of the component-side copper, connected to this thermal land, helps to dissipate the heat.
Numerous vias (at least 6) with a 0.3-mm diameter connected from the thermal land to the internal/solder side
ground plane(s) should be used to help dissipation.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS51363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com