Electronic Components Datasheet Search
  English  ▼

X  

USB4624 Datasheet(PDF) 10 Page - SMSC Corporation

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4624 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button USB4624 Datasheet HTML 6Page - SMSC Corporation USB4624 Datasheet HTML 7Page - SMSC Corporation USB4624 Datasheet HTML 8Page - SMSC Corporation USB4624 Datasheet HTML 9Page - SMSC Corporation USB4624 Datasheet HTML 10Page - SMSC Corporation USB4624 Datasheet HTML 11Page - SMSC Corporation USB4624 Datasheet HTML 12Page - SMSC Corporation USB4624 Datasheet HTML 13Page - SMSC Corporation USB4624 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
Revision 1.0 (06-17-13)
10
SMSC USB4624
DATASHEET
Chapter 3 Pin Descriptions
Figure 3.1 48-SQFN Pin Assignments
Ground Pad
(must be connected to VSS)
38
39
37
40
VDD12
41
FLEX_HSIC_UP_STROBE
43
XTAL2
44
XTAL1/REFCLK
RBIAS
VDDA33
VDDCOREREG
FLEX_HSIC_UP_DATA
42
21
20
19
18
17
16
15
14
13
23
22
24
Indicates pins on the bottom of the device.
FLEX_USBUP_DM/PRT_DIS_M0
FLEX_USBUP_DP/PRT_DIS_P0
NC
PRTPWR3/PRTCTL3/PIO43
NC
HSIC_EN2
NC
HSIC_EN1
SPI_DI
NC
SOF
VDDCR12
VDD33
SUSPEND
45
47
48
46
VDDA33
NC
SMSC
USB4624
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com