| Electronic Components Datasheet Search |
|
USB4624 Datasheet(PDF) 43 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB4624 Datasheet(HTML) 43 Page - SMSC Corporation |
|
43 / 68 page ![]() USB 2.0 HSIC Hi-Speed 4-Port Hub Controller Datasheet SMSC USB4624 43 Revision 1.0 (06-17-13) DATASHEET Table 7.9 Configure Portable Hub Register Table 7.10 Port Select and Low-Power Suspend Register Note: This register should be assigned during the Hub.Config or Hub.Connect stages, and should not be dynamically updated during Hub.Communication stage or undefined behavior may result. CFGP (0x30EE - RESET= 0x10) PORTABLE HUB CONFIGURATION REGISTER BIT NAME R/W DESCRIPTION 7 ClkSusp R/W 0: Allow device to gate-off its internal clocks during suspend mode in order to meet USB suspend current requirements. 1: Force device to run internal clock even during USB suspend (will cause device to violate USB suspend current limit - intended for test or self- powered applications which require use of SMBus during USB session.) 6 Reserved R Always read ‘0’ 5:1 DIS_CHP_PHY_CL K[5:1] R/W A ‘1’ disables the PHY clock of the corresponding port: Bit 5 - Downstream port 5 Bit 4 - Downstream port 4 Bit 3 - Downstream port 3 Bit 2 - Downstream port 2 Bit 1 - Downstream port 1 0 Reserved R Always read ‘0’ PSELSUSP (0x318B- RESET=0x00) PORT SELECT AND LOW POWER SUSPEND REGISTER BIT NAME R/W DESCRIPTION 7:6 APortSel R/W Specifies which downstream USB port is associated with the PRTPWRA pin function. ‘00’ - Port 1 ‘01’ - Port 2 ‘10’ - Port 3 ‘11’ - Port 4 5:0 Reserved R Always read ‘0’ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |