Electronic Components Datasheet Search
  English  ▼

X  

USB4624 Datasheet(PDF) 16 Page - SMSC Corporation

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4624 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button USB4624 Datasheet HTML 12Page - SMSC Corporation USB4624 Datasheet HTML 13Page - SMSC Corporation USB4624 Datasheet HTML 14Page - SMSC Corporation USB4624 Datasheet HTML 15Page - SMSC Corporation USB4624 Datasheet HTML 16Page - SMSC Corporation USB4624 Datasheet HTML 17Page - SMSC Corporation USB4624 Datasheet HTML 18Page - SMSC Corporation USB4624 Datasheet HTML 19Page - SMSC Corporation USB4624 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
Revision 1.0 (06-17-13)
16
SMSC USB4624
DATASHEET
1
Port 1 HSIC
Enable
HSIC_EN1
O8/
OD8
Used to indicate the connection state to the
downstream HSIC device attached to Port 1.
0 = Disconnect Port 1 HSIC
1 = Device ready to negotiate or sustain an HSIC
connection on Port 1.
1
Port 2 HSIC
Enable
HSIC_EN2
O8/
OD8
Used to indicate the connection state to the
downstream HSIC device attached to Port 2.
0 = Disconnect Port 2 HSIC
1 = Device ready to negotiate or sustain an HSIC
connection on Port 2.
1
Port 3 Power
Output
PRTPWR3
O8
Enables power to a downstream USB device
attached to Port 3.
0 = Power disabled on downstream Port 3
1 = Power enabled on downstream Port 3
Port 3 Control
PRTCTL3
OD8/IS
(PU)
When configured as PRTCTL3, this pin functions
as both the Port 3 power enable output
(PRTPWR3) and the Port 3 over-current sense
input (OCS3_N). Refer to the PRTPWR3 and
OCS3_N descriptions for additional information.
1
Port 4 Power
Output
PRTPWR4
O8
Enables power to a downstream USB device
attached to Port 4.
0 = Power disabled on downstream Port 4
1 = Power enabled on downstream Port 4
Port 4 Control
PRTCTL4
OD8/IS
(PU)
When configured as PRTCTL4, this pin functions
as both the Port 4 power enable output
(PRTPWR4) and the Port 4 over-current sense
input (OCS4_N). Refer to the PRTPWR4 and
OCS4_N descriptions for additional information.
5
No Connect
NC
-
This pin must be left floating for normal device
operation.
POWER
1
Battery
Power Supply
Input
VBAT
P
Battery power supply input. When VBAT is
connected directly to a +3.3V supply from the
system, the internal +3.3V regulator runs in
dropout and regulator power consumption is
eliminated. A 4.7
μF (<1
Ω ESR) capacitor to
ground is required for regulator stability. The
capacitor should be placed as close as possible
to the device. Refer to Chapter 4, "Power
Connections," on page 20 for power connection
information.
3
+3.3V Analog
Power Supply
VDDA33
P
+3.3V analog power supply. A 1.0
μF (<1
Ω ESR)
capacitor to ground is required for regulator
stability. The capacitor should be placed as close
as possible to the device. Refer to Chapter 4,
"Power Connections," on page 20 for power
connection information.
Table 3.1 Pin Descriptions (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com