Electronic Components Datasheet Search
  English  ▼

X  

USB4624 Datasheet(PDF) 38 Page - SMSC Corporation

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4624 Datasheet(HTML) 38 Page - SMSC Corporation

Back Button USB4624 Datasheet HTML 34Page - SMSC Corporation USB4624 Datasheet HTML 35Page - SMSC Corporation USB4624 Datasheet HTML 36Page - SMSC Corporation USB4624 Datasheet HTML 37Page - SMSC Corporation USB4624 Datasheet HTML 38Page - SMSC Corporation USB4624 Datasheet HTML 39Page - SMSC Corporation USB4624 Datasheet HTML 40Page - SMSC Corporation USB4624 Datasheet HTML 41Page - SMSC Corporation USB4624 Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
Revision 1.0 (06-17-13)
38
SMSC USB4624
DATASHEET
Table 7.2 Upstream Battery Charging Detection Control Register
UP_BC_DET
(0x30E2 - RESET= 0x02)
UPSTREAM BATTERY CHARGING REGISTER
BIT
NAME
R/W
DESCRIPTION
7:5
CHARGER_TYPE
R/W
Read Only.
This field indicates the result of the automatic charger detection. Values
reported depend on EnhancedChrgDet bit setting in Upstream Battery
Charger Mode Register.
If EnhancedChrgDet = 1
000 = Charger Detection is not complete.
001 = DCP - Dedicated Charger Port
010 = CDP – Charging Downstream Port
011 = SDP – Standard Downstream Port
100 = Apple Low Current Charger
101 = Apple High Current Charger
110 = Apple Super High Current Charger
111 = Charger Detection Disabled
If EnhancedChrgDet = 0
000 = Charger Detection is not complete.
001 = DCP/CDP – Dedicated Charger or Charging Downstream Port
010 = Reserved
011 = SDP – Standard Downstream Port
100 = Apple Low Current Charger
101 = Apple High Current Charger
110 = Apple Super High Current Charger
111 = Charger Detection Disabled
4
CHGDET_COMPLETE
R
Indicates Charger Detection has been run and is completed. This bit is
negated when START_CHG_DET is asserted high.
3
Reserved
R/W
Reserved for debugging
2:1
CHG_DET[1:0]
R
Indicates encoded status of what chargers or status has been detected
according to the settings in the Charge Detect Mask Register. It can be
used to determine what current can be drawn from the upstream USB
port.
00 = No selected Chargers or Status identified
01 = 100ma (VBUS detect without enumeration)
10 = 500ma (Device enumerated, Set Config seen)
11 = 1000+ma (Charger detected)
The actual current amount for the charger will be system dependent
0
START_CHG_DET
R/W
Manually Initiates a USB battery charger detection sequence at the time
of assertion. This bit must not be set while hub is in operation. This bit
is cleared automatically when the manual battery charger detection
sequence is completed.
0 = Write: No Effect / Read: Battery Charger Detection Sequence
Completed or not run.
1 = Write: Start Battery Charger Detection / Read: Battery Charger
Detection Sequence is running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com