Electronic Components Datasheet Search
  English  ▼

X  

31270 Datasheet(PDF) 10 Page - Tyco Electronics

Part # 31270
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

31270 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button 31270 Datasheet HTML 6Page - Tyco Electronics 31270 Datasheet HTML 7Page - Tyco Electronics 31270 Datasheet HTML 8Page - Tyco Electronics 31270 Datasheet HTML 9Page - Tyco Electronics 31270 Datasheet HTML 10Page - Tyco Electronics 31270 Datasheet HTML 11Page - Tyco Electronics 31270 Datasheet HTML 12Page - Tyco Electronics 31270 Datasheet HTML 13Page - Tyco Electronics 31270 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
DIAMOND GRIP Terminal
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
10
The DIAMOND GRIP product line of ter-
minals and splices is designed for com-
pletely uniform reliability under the most
critical conditions of vibration, thermal
shock, corrosion, tension and current
overload. AMP’s mated tool/terminal
concept represents a total approach to
wire termination and takes into account
all the factors of circuit termination.
The uniformity of appearance of AMP
terminations is repeated by their unifor-
mity in performance — made possible
by designing the terminal and the tool-
ing to match precisely. This promotes
fast and easy crimping and assures pre-
cise crimping pressure for every wire
size, regardless of the skill of the opera-
tor. The result is the best circuit termina-
tion at the lowest applied cost. And this
is true for all terminations from first to
last, week after week, month after month.
The Crimp
After the wire is inserted into the barrel,
the matching dies in the AMP tool close
over the barrel, exerting great pressure.
This causes the wire strands to flow into
the serrations of the terminal barrel as it
is compressed around them, forming a
homogenous mass of the strands and
terminal barrel. This maximum contact
assures optimum conductivity of the
termination.
BASIC TERMINAL MATERIAL.
The basic terminal is constructed of
fine grade high conductivity copper
per ASTM B-152 and tin-plated per
MIL-T-10727. AMP’s special plating
process creates durable corrosion
resistance to salt spray and most
chemical fumes.
“V” NOTCHES. These
lock the wire insulation
against vibration and
pullout.
BELL MOUTH. Assures
easy wire insertion.
SERRATIONS. Serrations inside
the barrel provide maximum contact
and tensile strength after crimping.
COPPER SLEEVE. The specially
designed copper sleeve, fitted
over the terminal barrel, provides
circumferential insulation support
to the wire and allows the wire to
be bent in any direction, without
fraying the wire’s insulation or
breaking the conductor.
Temperature Rating: 170°C Max.
DIAMOND GRIP Terminals and Splices
(Use DIAMOND GRIP Tooling)
AMP
Wire
Listed
LR 7189
Range
Certified
22–16
22–16
22–16
Stranded
Stranded
16–14
16–14
16–14
Stranded
Stranded
16–14 HD
16–14 HD
—
Stranded
12-10
12–10
12–10
Stranded
Stranded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com