Electronic Components Datasheet Search
  English  ▼

X  

31270 Datasheet(PDF) 43 Page - Tyco Electronics

Part # 31270
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

31270 Datasheet(HTML) 43 Page - Tyco Electronics

Back Button 31270 Datasheet HTML 39Page - Tyco Electronics 31270 Datasheet HTML 40Page - Tyco Electronics 31270 Datasheet HTML 41Page - Tyco Electronics 31270 Datasheet HTML 42Page - Tyco Electronics 31270 Datasheet HTML 43Page - Tyco Electronics 31270 Datasheet HTML 44Page - Tyco Electronics 31270 Datasheet HTML 45Page - Tyco Electronics 31270 Datasheet HTML 46Page - Tyco Electronics 31270 Datasheet HTML 47Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
43
Rectangular Tongue Terminals
Wire Size Range
AWG 22 to 8,
CMA 509 to 20,800
[0.26 to 10.5 mm2]
Material
Splice Body and Sleeve — Copper
per ASTM B-152
Plating — Tin per MIL-T-10727
Wire Size
Dimensions
Part Numbers
Circular Mils
L
W
Loose
[mm2]
Max.
Piece
22–16
.745
.203
509–3,260
18.92
5.16
31762
[0.26–1.65]
16–14
.750
.203
2,050–5,180
19.05
5.16
31763
[1.04–2.62]
12–10
.940
.281
5,180–13,100
23.88
7.14
31945
[2.62–6.64]
8
1.225
.390
13,100–20,800
31.12
9.91
32161
[6.64–10.5]
Knife Disconnect Splices
Wire Size Range
AWG 22 to 14,
CMA 509 to 5,180
[0.26 to 2.62 mm2]
Material
Terminal Body and Sleeve —
Copper per ASTM B-152
Plating — Tin per MIL-T-10727
Wire Size
Dimensions
Material
Part Numbers
Circular Mils
Stud
Style
L
E
C
W
X
H
Thickness
Loose
[mm2]
Size
Max.
Max.
Min.
Max.
Piece
22–16
6
.733
.541
.250
.250
.187
.047
.033
509–3,260
M3.5
B
18.62
13.74
6.35
6.35
4.75
1.19
0.84
320671
[0.26–1.65]
16–14
8
.647
.484
.219
.344
.156
.094
.033
2,050–5,180
M4
A
16.43
12.29
5.56
8.74
3.96
2.39
0.84
31674
[1.04–2.62]
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Style A
with Side Flange
Style B
with Bossed Hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com